Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR161R Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMPWR161R
Description  Micropower, Low Noise 4.75V/150mA LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR161R Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMPWR161R Datasheet HTML 1Page - California Micro Devices Corp CMPWR161R Datasheet HTML 2Page - California Micro Devices Corp CMPWR161R Datasheet HTML 3Page - California Micro Devices Corp CMPWR161R Datasheet HTML 4Page - California Micro Devices Corp CMPWR161R Datasheet HTML 5Page - California Micro Devices Corp CMPWR161R Datasheet HTML 6Page - California Micro Devices Corp CMPWR161R Datasheet HTML 7Page - California Micro Devices Corp CMPWR161R Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©
2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
01/14/04
CMPWR161
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1VIN
Positive input voltage for the regulator. The internal loading on this input is typically 300
µA when-
ever the regulator is enabled and less than 1
µA when the regulator is disabled. If this input is
greater than 2 inches from the main input filter, a 1
µF ceramic capacitor is recommended for addi-
tional filtering.
2
GND
The negative reference for all voltages.
3
EN
Enable/shutdown input. When EN is asserted high (VEN ≥ 2V), the regulator is enabled. When EN
is asserted low, the regulator is shutdown (VOUT=0V). This input is compatible with CMOS logic.
4
BYP
Reference bypass pin. This input is used to connect an external capacitor (CBYP) for noise reduc-
tion and to maximize power supply ripple rejection. A 10nF capacitor is recommended for this func-
tion.
5VOUT
The regulated voltage output. An output capacitor of 10
µF is recommended to provide the neces-
sary phase compensation for the regulator and also minimize any transient disturbances.
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
5-pin SOT23
VIN
GND
EN
VOUT
BYP
1
2
5
3
4
Top View
PART NUMBERING INFORMATION
Pins
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
5
SOT23-5
CMPWR161Y
161Y
CMPWR161R
161R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com