Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP2000A Datasheet(PDF) 1 Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD.

Part # ZP2000A
Description  Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING [ZHEJIANG HUAJING RECTIFIER CO.,LTD.]
Direct Link  http://www.thyristor.com.cn/
Logo HUAJING - ZHEJIANG HUAJING RECTIFIER CO.,LTD.

ZP2000A Datasheet(HTML) 1 Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD.

  ZP2000A Datasheet HTML 1Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD. ZP2000A Datasheet HTML 2Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD. ZP2000A Datasheet HTML 3Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
k
!
"
#$%
e& ' (
)% *
!+' (
' ,
-./
k
#)%
0%%%
1 "" 2 1 3 2 ( 2 '" 4
5
"1-#%6(
5
-
5
7#%%
#)%
#%%
)%%%
1 " " 2 1 3 !
"
-
#)%
#8%
6
! 4
9(" "
!
"
#%6( & ' (
2
-%:8
#)%
;<
=
0"
0"
!( 4
"
)/$%
0 >#%
& (& ' 2 '" 4
#)%
%:/;
9(" " (' 1 ( ("
%:#%
6
¡
? 3
9(" " 2 '" 4
-)%%% , -#)=
0)
0:0
2 (
2 @ !
"
-)%%%
"A-#%%%!(
B "-90% B!(:
-)%
#)%
#8$
"
2 (
2 @ " 6
8:$
!(
C
2 @ & 4
)/#
!
"& D9&
& 6 ' ( ("
! "
" & " ( 3
"#$%
e(
!+' (
'
' 61 4
):%3
%:%#8
kBE
! " 4
;%
<%
=
("A
"
" 61
"!
9<%
#.%
k
E"
E 4&"
4
!"'
!
"
0%%%
#%%9)%%%
0< =
0"
)/$% #%; 0(


Similar Part No. - ZP2000A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZP2000A LUGUANG-ZP2000A Datasheet
2Mb / 2P
Rectifier Diodes
logo
List of Unclassifed Man...
ZP2000A ETC-ZP2000A Datasheet
98Kb / 1P
ZP series silicon rectifier
More results

Similar Description - ZP2000A

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com