Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPET Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPET
Description  1W 3KVDC Isolated Single Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPET Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPET Datasheet HTML 1Page - Toppower Electronic Technology Limited TPET Datasheet HTML 2Page - Toppower Electronic Technology Limited TPET Datasheet HTML 3Page - Toppower Electronic Technology Limited TPET Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPET Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN SMD
Pin
Function
Add suffix “X” function
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
No Pin
7
-Vout
-Vout
8
+Vout
+Vout
10
NA
No Pin
12
NA
No Pin
14
NA
NA
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All pins on a 2.54mm pitch.
Unless otherwise stated all dimensions in mm±0.5mm.
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length:475mm±2.0mm
Tube Quantity:35PCS
11.60
1.60
1.00
7.62
2.54
0.60± 0.15
10.40
3.80
14.95
5.3
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 1.21g
NA - Not available for electrical connection.
SMD Package
( Magnification of A )
S SEATING PLANE
0.15 S
13.70
7.62
8.00 11.00±0.2
3.04
2.54
0.60
0.25
7.00±0.5
0.25
11.00
5.50
5.50
1.50±0.1
13
57
14 12 10 8
YYWW
TPET0505
TOPPOWER
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com