Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPET Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPET
Description  1W 3KVDC Isolated Single Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPET Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPET Datasheet HTML 1Page - Toppower Electronic Technology Limited TPET Datasheet HTML 2Page - Toppower Electronic Technology Limited TPET Datasheet HTML 3Page - Toppower Electronic Technology Limited TPET Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPET Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 of 4
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
610mW
Input voltage Vin, TPET03xx
5.5V
Input voltage Vin, TPET05xx
7V
Input voltage Vin, TPET12xx
15V
Input voltage Vin, TPET15xx
18V
Input voltage Vin, TPET15xx
28V
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
TA=-40℃ to 85℃
1.0
W
Voltage set point accuracy
See tolerance envelope
Line regulation
High VIN to low VIN (voltage variation +/-5%)
1.0
1.2
%/%
Load regulation(10% load to rated load)
03XX,0503,1203,2403
10
14
%
Load regulation(10% load to rated load)
0505,1205,2405
13
15
%
Load regulation(10% load to rated load)
0509,1209, 2409
8.0
9.0
%
Load regulation(10% load to rated load)
0512,1212,0524, 2412
6.5
7.5
%
Load regulation(10% load to rated load)
0515,1215,1515, 2415
6
7.0
%
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
120
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-55
125
℃
Reflow Soldering Temperature
Peak temp.≤260℃, maximum duration time≤90s at 220℃. For
actual application, please refer to IPC/JEDEC J-STD-020D.1.
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
3.3V output types
All other types
O utp ut L o a d C urre nt(% )
+9 %
+1 %
V
NO M
-7 %
-7 %
+1 %
- 15%
100
75
50
25
10
T y p ical Load
L in e
Output Load Current(%)
+9.5%
+5%
V
NOM
-2.5%
+2.5%
-8%
100
75
50
25
10
Typical Load
Line
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com