Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6090ACT Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6090ACT
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6090ACT Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6090ACT Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM6090ACT
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6090ACT-Manual-Rev0.1.DOC
Page: 4 of 11
1.4 Terminal Functions
Pin No.
PIN
Name
I/O
Descriptions
1
CS0
Input
Chip Select
CSTB=L, enable access to the LCD module
CSTB=H, disable access to the LCD module
2
RST
Input
Reset signal
RSTB = L, Initialization is executed
RSTB= H, Normal running.
3
CD
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
4
D6/SCL
Input
Serial clock in
5
D7/SDA
Input
Serial data in
6
VDD
Power
Positive power supply
7
VSS
Power Negative power supply,0V
8
NC
-
No connection, leave open
9
NC
-
No connection, leave open
10
V0
Power
LCD driving voltage for common circuits at negative frame
11
XV0
Power
LCD driving voltage for common circuits at positive frame
12
VG
Power
LCD driving voltage for segment circuits
13
LED-A
Power A terminal on side of LCD, Positive power for LED backlight
14
K-B
Power Blue color Negative Power Supply for LED backlight
15
K-R
Power Red color Negative Power Supply for LED backlight
16
K-G
Power Green color Negative Power Supply for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com