Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6090ACT Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6090ACT
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6090ACT Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6090ACT Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6090ACT Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TOPWAY
LCD Module User Manual
LM6090ACT
3.3 AC Characteristics
3.3.1 Serial Mode Interface
VSS=0V,VDD=3.3V,TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Serial Clock Period
tscyc
65
-
-
ns
SCL “H” pulse width
tshw
33
-
-
ns
SCL “L” pulse width
tslw
33
-
-
ns
Address setup time (CD)
tsas
26
-
-
ns
Address hold time (CD)
tsah
13
-
-
ns
Data setup time
tsds
26
-
-
ns
Data hold time
tsdh
13
-
-
ns
CS0-SCL time
tcss
26
-
-
ns
CS0-SCL time
tcsh
52
-
-
ns
Note:
*1. Input signal rise/fall time should be less than 15ns .
*2. CL=100pF
*3.All timing is using 20% and 80% of VDD as the reference.
3.3.2 Reset Timing
VSS=0V, VDD=3.3V, TOP=25C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset time
tr
-
-
2.5
μs
Reset LOW pulse width
trw
2.5
-
-
μs
Note:
*1.All timing is using 20% and 80% of VDD as the reference.
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6090ACT-Manual-Rev0.1.DOC
Page: 6 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com