Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19264BBC Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM19264BBC
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM19264BBC Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM19264BBC Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TOPWAY
LCD Module User Manual
LM19264BBC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM19264BBC-Manual-Rev0.1.doc
Page: 4 of 10
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power
Negative Power Supply, Ground (0V)
2
VDD
Power
Positive Power Supply
3
V0
Power
LCD Contrast reference
4
VOUT Output Power Booster output for V0
5
RS
Input
RS = H; DB0 – DB7 = Display RAM data
RS = L; DB0 – DB7 = Instruction data
6
R/W
Input
7
E
Input
In read mode
R/W = H;
Data read form the LCD module,
data appears at DB0 – DB7 and can be read by the host
while, E = H and the device is being selected
In write mode
R/W = L;
Data write to the LCD module,
data appears at DB0 – DB7 will be written into the LCD
module at E = H L and device is being selected
8
DB0
:
:
15
DB7
I/O
Data bus;
Three state I/O terminal for display data or instruction data
16
/CS1
Input
Chip selection, enable access to left section of the LCD module (*1)
17
/CS2
Input
Chip selection, enable access to middle section of the LCD module (*1)
18
/CS3
Input
Chip selection, enable access to right section of the LCD module (*1)
19
/RST
Input
Reset signal
/RST = L;
Display off
display start line register becomes 0
no command or instruction data could be accepted
/RST = H,
Normal running
20
BLA
Power
Positive Power for LED backlight
21
BLK
Power
Negative Power for LED backlight
Note:
*1.
Display or instruction data could write into the LCD module’s driver/controllers individually
or at the same time.
Only read display or instruction data form one of the driver/controller in the LCD module at
a time, otherwise unexpected data collision may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com