Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19264BBC Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM19264BBC
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM19264BBC Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM19264BBC Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM19264BBC Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TOPWAY
LCD Module User Manual
LM19264BBC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM19264BBC-Manual-Rev0.1.doc
Page: 7 of 10
4. Function Specifications
4.1
Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
Display start line (Z address)= 0
LCD Display = on
Note:
These setting/commands should issue to both controllers while start up.
See the Display Control Instructions section for details.
4.2
Adjusting the LCD display contrast
A Variable-Resistor must be connected to the LCD
module for providing a reference to V0. Adjusting the VR
will result the change of LCD display contrast.
The recommended value of VR is 25k to 50k
4.3
Resetting the LCD module
The LCD module should be initialized by setting /RST terminal at low level when turning the power
on.
When /RST pull low, the LCD module will:
-
Display off
-
Display start line register becomes 0. (Z-address=0)
While /RST is low, no instruction can be accepted except status read. Therefore, execute other
instructions after making sure that DB4=0 (clear /RST) and DB7=0 (ready) by status read
instruction. The conditions of power supply at initial power up are as follow:
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset time
trs
2.0
-
-
us
Rise time
tr
-
-
150
ns
LCD Module
VDD
V0
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com