Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6331DECT Datasheet(PDF) 7 Page - Texas Instruments

Part # PTMP6331DECT
Description  TMP63 100 k廓 Linear Thermistor With Small 0402 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331DECT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTMP6331DECT Datasheet HTML 3Page - Texas Instruments PTMP6331DECT Datasheet HTML 4Page - Texas Instruments PTMP6331DECT Datasheet HTML 5Page - Texas Instruments PTMP6331DECT Datasheet HTML 6Page - Texas Instruments PTMP6331DECT Datasheet HTML 7Page - Texas Instruments PTMP6331DECT Datasheet HTML 8Page - Texas Instruments PTMP6331DECT Datasheet HTML 9Page - Texas Instruments PTMP6331DECT Datasheet HTML 10Page - Texas Instruments PTMP6331DECT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
TMP63
www.ti.com
SNIS211 – OCTOBER 2019
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
(1)
Changing the specified current will require a new 4th order polynomial to create a resistance table for your design
(2)
Table defined based on 4th order equation: R(Ω) = 85031.7 + 559.26 * T + 1.6114 * T4 - (1.79E-3) * T3 + (2.07E-5) * T4
(3)
Assuming ideal current source
Table 1. TMP63 Transfer Table Using an Ideal IBias of 20 µA
(1) [DEC Package]
TEMPERATURE (°C)
RESISTANCE (Ω)(2)
ΔR/ΔT
(Ω/°C)
TEMPERATURE
ERROR(3)(2)
(°C)
MIN
TYP
MAX
–40
64426
65407
66388
416
2.36
–35
66526
67539
68552
436
2.32
–30
68723
69769
70816
456
2.30
–25
71012
72093
73175
474
2.28
–20
73391
74509
75626
492
2.27
–15
75857
77012
78168
509
2.27
–10
78408
79602
80796
526
2.27
–5
81042
82276
83510
543
2.27
0
84181
85032
85882
559
1.52
5
86989
87868
88747
575
1.53
10
89876
90784
91692
591
1.54
15
92840
93778
94716
607
1.55
20
95882
96850
97819
622
1.56
25
99000
100000
101000
638
1.57
30
102196
103228
104260
653
1.58
35
105469
106534
107599
669
1.59
40
108820
109919
111018
685
1.60
45
112250
113383
114517
701
1.62
50
115760
116929
118098
717
1.63
55
119352
120557
121763
734
1.64
60
123028
124270
125513
751
1.65
65
126790
128070
129351
769
1.67
70
130640
131960
133279
787
1.68
75
133902
135941
137980
806
2.53
80
137918
140018
142119
825
2.55
85
142031
144194
146357
845
2.56
90
146246
148473
150700
866
2.57
95
150566
152859
155151
888
2.58
100
154995
157355
159716
911
2.59
105
159539
161968
164398
934
2.60
110
164201
166702
169202
959
2.61
115
168988
171562
174135
985
2.61
120
173906
176554
179202
1012
2.62
125
178959
181684
184409
1040
2.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com