Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6331DECT Datasheet(PDF) 8 Page - Texas Instruments

Part # PTMP6331DECT
Description  TMP63 100 k廓 Linear Thermistor With Small 0402 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331DECT Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTMP6331DECT Datasheet HTML 4Page - Texas Instruments PTMP6331DECT Datasheet HTML 5Page - Texas Instruments PTMP6331DECT Datasheet HTML 6Page - Texas Instruments PTMP6331DECT Datasheet HTML 7Page - Texas Instruments PTMP6331DECT Datasheet HTML 8Page - Texas Instruments PTMP6331DECT Datasheet HTML 9Page - Texas Instruments PTMP6331DECT Datasheet HTML 10Page - Texas Instruments PTMP6331DECT Datasheet HTML 11Page - Texas Instruments PTMP6331DECT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
TMP63
SNIS211 – OCTOBER 2019
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Changing the specified voltage or resistance will require a new 4th order polynomial to create a resistance table for your design.
(2)
Table defined based on 4th order equation: R(Ω) = 84229.91 + 541.907 * T + 1.515 * T3 + (6.84E-4) * T3 + (1.29E-6) * T4
(3)
Assuming ideal voltage source, 100 kΩ with ±0.01% RBias
Table 2. TMP63 Transfer Table Using a Voltage Divider With an Ideal VBias of 2.5 V
(1)and R
Bias of 100 kΩ
With ±0.01% Tolerance(1)[DEC Package]
TEMPERATURE (°C)
RESISTANCE (Ω)(2)
ΔR/ΔT
(Ω/°C)
TEMPERATURE ERROR(3)
(°C)
MIN
TYP
MAX
–40
64032
65007
65982
424
2.30
–35
66154
67162
68169
438
2.30
–30
68348
69389
70430
453
2.30
–25
70614
71689
72764
467
2.30
–20
72952
74062
75173
482
2.30
–15
75362
76510
77658
497
2.31
–10
77846
79032
80217
512
2.32
–5
80404
81628
82853
527
2.32
0
83457
84300
85143
542
1.56
5
86177
87047
87918
557
1.56
10
88972
89871
90770
572
1.57
15
91844
92772
93699
588
1.58
20
94792
95750
96707
603
1.59
25
97818
98806
99794
619
1.60
30
100921
101940
102960
635
1.61
35
104102
105154
106205
651
1.62
40
107363
108447
109532
667
1.63
45
110703
111821
112939
683
1.64
50
114124
115276
116429
699
1.65
55
117625
118813
120001
716
1.66
60
121209
122433
123657
732
1.67
65
124874
126136
127397
749
1.68
70
128623
129923
131222
766
1.70
75
131787
133794
135801
783
2.56
80
135685
137752
139818
800
2.58
85
139668
141795
143922
817
2.60
90
143737
145926
148115
835
2.62
95
147893
150145
152398
853
2.64
100
152137
154454
156770
871
2.66
105
156469
158852
161234
889
2.68
110
160890
163340
165790
907
2.70
115
165402
167921
170440
925
2.72
120
170005
172594
175183
944
2.74
125
174700
177361
180021
963
2.76
7.4 Device Functional Modes
The device has one mode of operation that applies when operated within the Recommended Operating
Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com