Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS8804 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS8804 Datasheet HTML 17Page - Texas Instruments TPS8804 Datasheet HTML 18Page - Texas Instruments TPS8804 Datasheet HTML 19Page - Texas Instruments TPS8804 Datasheet HTML 20Page - Texas Instruments TPS8804 Datasheet HTML 21Page - Texas Instruments TPS8804 Datasheet HTML 22Page - Texas Instruments TPS8804 Datasheet HTML 23Page - Texas Instruments TPS8804 Datasheet HTML 24Page - Texas Instruments TPS8804 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
COSWRI=1
COSWRG=1
VINT
COO
CON
COP
To A MUX
COSWRO=1
10 k -
100 k
CO
Sen sor
Working
Counter
0.22 …F
100 k
PREF
RI=1 k
RI=100 k
COSWREF=1
VINT
COTEST_DIR
COTEST_EN
+
±
COREF[1:0]
To P hoto A mp
COAMP_EN
200 k
PREF_SEL=0
PREF_SEL=1
VINT
To MCU G PIO
21
TPS8804
www.ti.com
SLVSF29 – OCTOBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.3.2 LED Voltage Supply
Enough voltage must be provided to the LED such that the DINA voltage is at least the dropout voltage
(VDINA,DROP) above the CSA voltage while the LED driver is enabled. The DINA voltage must not exceed 11.5V.
Because of the high LED drive currents, a large capacitor connected to the LED anode is required to provide
pulsed power to the LED. Any supply meeting the voltage requirements can be used to charge the LED
capacitor. Connect the LED anode to LEDLDO when VCC > 11.5 V.
The LED LDO clamps the VSLC voltage and blocks reverse current with an integrated diode. It is current limited
to prevent inrush current caused by charging the large capacitor. The regulation voltage is adjustable in the
LEDLDO register. The LED LDO may be operated with VSLC below the regulation voltage. In this case, the
LEDLDO voltage will stabilize to VSLC minus a diode voltage drop.
7.3.4 Carbon Monoxide Sensor AFE
Figure 4. Carbon Monoxide Detection Circuit
The TPS8804 CO AFE connects to an electrochemical CO sensor. The amplifier converts the microamps of
sensor current into a voltage readable by an ADC. This is achieved with a low-offset, low-power op-amp with
configurable input, gain, and output resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com