Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS8804 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS8804 Datasheet HTML 8Page - Texas Instruments TPS8804 Datasheet HTML 9Page - Texas Instruments TPS8804 Datasheet HTML 10Page - Texas Instruments TPS8804 Datasheet HTML 11Page - Texas Instruments TPS8804 Datasheet HTML 12Page - Texas Instruments TPS8804 Datasheet HTML 13Page - Texas Instruments TPS8804 Datasheet HTML 14Page - Texas Instruments TPS8804 Datasheet HTML 15Page - Texas Instruments TPS8804 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
TPS8804
SLVSF29 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSLCTXx,OH
SLC transmitter output high
voltage
VSLC=11.5V,
ISLC_TXx=−16mA
11.0
11.2
11.5
V
VSLCTXx,OL
SLC transmitter output low
voltage
VSLC=11.5V, ISLC_TXx=16mA
0
0.3
0.5
V
ANALOG MULTIPLEXER
VMUX
Multiplexer buffer input signal
voltage range
AMUX_BYP=0
0.05
2
V
GMUX, GAIN
Multiplexer bufffer output gain AMUX_BYP=0
0.99
1
1.01
V/V
VMUX, OFFS
Multiplexer buffer offset
voltage
AMUX_BYP=0
-7
7
mV
tMUX, EN
Multiplexer buffer enable
settling time
AMUX_BYP=0, AMUX_SEL
stepped from 000 to 011 with
PDO=2V, PAMP_EN=0.
Time until AMUX reaches
99% of its final value
0
15
us
tMUX, STEP
Multiplexer buffer input step
settling time
AMUX_BYP=0,
AMUX_SEL=011, PDO
stepped from 50mV to 2V,
PAMP_EN=0. Time until
AMUX reaches 99% of its
final value
0
15
us
fMUX, BW
Multiplexer bandwidth
AMUX_BYP=0
0.5
1
25
MHz
IMUX, OUT
Multiplexer output current
AMUX_BYP=0
–10
10
uA
IMUX, Q
Multiplexer quiescent
current. Current does not
include bias block.
AMUX_BYP=0
50
uA
CMUX
Multiplexer buffer output
capacitor required for stability
AMUX_BYP=0
150
500
pF
OSCILLATOR, REFERENCE SYSTEM
fOSC8
Oscillator frequency
8
MHz
Frequency accuracy
TA = -10°C to 70°C
–2
2
%
fOSC32
Low-power Oscillator
frequency
32
kHz
Frequency accuracy
TA = -10°C to 70°C
–3
3
%
TTIMEOUT
Error timeout time
0.9
1
1.1
s
IREF0P3, Q
REF0P3 buffer quiescent
current
VCC current difference
between REF0P3_EN=0 and
REF0P3=1. IREF0P3=0 µA
0.3
0.6
µA
CREF0P3
REF0P3 output capacitor
required for stability
0.1
1
1.5
nF
TREF0P3, SET
REF0P3 settling time
From REF0P3 enabled to
99% of final output voltage.
CREF0P3=1nF, IREF0P3=0 µA
1
1.8
ms
VREF0P3, OUT
REF0P3 output voltage
IREF0P3 = 10 µA
270
300
330
mV
IREF0P3 = -25 µA
270
300
330
mV
IVCCLOW,Q
VCC_LOW quiescent current
1.3
2
uA
IO BUFFERS
VIO, ILO
IO buffer input low threshold
LEDEN, CSEL, MCU_TX1,
MCU_TX2, GPIO
0.3×VMCU
0.7× VMCU
V
VIO, IHI
IO buffer input high threshold
LEDEN, CSEL, MCU_TX1,
MCU_TX2, GPIO
0.3×VMCU
0.7× VMCU
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com