Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-DEV-ISE2-E Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-ISE2-E
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-ISE2-E Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button HPC-DEV-ISE2-E Datasheet HTML 15Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 16Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 17Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 18Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 19Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 20Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 21Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 22Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
HDLC Functional
Description (Continued)
the user selects the error checking code to be used through
software control (HDLC control reg) The two error checking
polynomials available are
(1) CRC-16 (x16 a x15 a x2 a1)
(2) CCITT CRC (x16 a x12 a x5 a 1)
SYNCHRONOUS BYPASS MODE
When the BYPAS bit is set in the HDLC control register all
HDLC framingformatting functions for the specified HDLC
channel are disabled
This allows byte-oriented data to be transmitted and re-
ceived synchronously thus ‘‘bypassing’’ the HDLC func-
tions
LOOP BACK OPERATIONAL MODE
The user has the ability by setting the appropriate bit in the
register to internally route the transmitter output to the re-
ceiver input and to internally route the RX pin to the TX pin
DMA Controller
GENERAL INFORMATION
The HPC46400E uses Direct Memory Access (DMA) logic
to facilitate data transfer between the 2 full Duplex HDLC
channels and external packet RAM There are four DMA
channels to support the four individual HDLC channels
Control of the DMA channels is accomplished through regis-
ters which are configured by the CPU These control regis-
ters define specific operation of each channel and changes
are immediately reflected in DMA operation In addition to
individual control registers global control bits (MSS and
MSSC in Message Control Register) are available so that
the HDLC channels may be globally controlled
The DMA issues a bus request to the CPU when one or
more of the individual HDLC channels request service
Upon receiving a bus acknowledge from the CPU the DMA
completes all requests pending and any requests that may
have occurred during DMA operation before returning con-
trol to the CPU If no further DMA transfers are pending the
DMA relinquishes the bus and the CPU can again initiate a
bus cycle
Four memory expansion bits have been added for each of
the four channels to support data transfers into the expand-
ed memory bank areas
The DMA has priority logic for servicing DMA requests The
priorities are
1st priority
Receiver channel 1
2nd priority
Transmit channel 1
3rd priority
Receive channel 2
4th priority
Transmit channel 2
RECEIVER DMA OPERATION
The receiver DMA consists of a shift register and two buff-
ers A receiver DMA operation is initiated by the buffer regis-
ters Once a byte has been placed in a buffer register from
the HDLC it generates a request and upon obtaining control
of the bus the DMA places the byte in external memory
RECEIVER REGISTERS
All the following registers are ReadWrite
A Frame Length Register
This user programmable 16-bit register contains the max-
imum number of bytes to be placed in a data ‘‘block’’ If
this number is exceeded a Frame Too Long error is gener-
ated DMA is stopped to prevent memory from being over-
written however the receiver continues until the closing flag
is received in order to check the CRC
B CNTRL ADDR 1
For
split
frame
operation
the
CNTRL ADDR register contains the
DATA ADDR 1
external memory address where
CNTRL ADDR 2
the Frame Header (Control
Ad-
DATA ADDR 2
dress fields) are to be stored and
the DATA ADDR register contains
an equivalent address for the Infor-
mation field
For non-split frame operation the
CNTRL and DATA ADDR registers
each contain the external memory
address for entire frames
TRANSMITTER DMA OPERATION
The transmitter DMA consists of a shift register and two
buffers A transmitter DMA cycle is initiated by the TX data
buffers The TX data buffers generate a request when either
one is empty and the DMA responds by placing a byte in the
buffer The HDLC transmitter can then accept the byte to
send when needed upon which the DMA will issue another
request resulting in a subsequent DMA cycle
TRANSMITTER REGISTERS
The following registers are ReadWrite
FIELD ADDRESS 1
Field Address 1 and Field Address
2 are starting addresses of blocks
BYTE COUNT 1
of information to be transmitted
FIELD ADDRESS 2
Byte Count 1 and Byte Count 2 are
BYTE COUNT 2
the number of bytes in the block to
be transmitted
Shared Memory Support
Shared memory access provides a rapid technique to ex-
change data It is effective when data is moved from a pe-
ripheral to memory or when data is moved between blocks
of memory A related area where shared memory access
proves effective is in multiprocessing applications where
two CPUs share a common memory block The HPC46400E
supports shared memory access with two pins The pins are
the RDYHLD input pin and the HLDA output pin The user
can software select either the Hold or Ready function on the
RDYHLD pin by the state of a control bit The HLDA output
must be selected as the HLDA output on pin B7 by soft-
ware
The host uses DMA to interface with the HPC46400E The
host initiates a data transfer by activating the HLD input of
the HPC46400E In response the HPC46400E places its
system bus in a TRI-STATE Mode freeing it for use by the
host The host waits for the acknowledge signal (HLDA)
from the HPC46400E indicating that the sytem bus is free
On receiving the acknowledge the host can rapidly transfer
data into or out of the shared memory by using a conven-
tional DMA controller Upon completion of the message
transfer the host removes the HOLD request and the
HPC46400E resumes normal operations See
Figure 18
(HPC46400E shared Memory Using HOLD)
An alternate approach is to use the Ready function avail-
able on either the RDYHLD pin or the INT4RDY pin See
Figure 19 (HPC46400E Shared Memory Using READY)
This technique is often required when the HPC is sharing
memory over a system backplane bus
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com