Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-DEV-ISE2-E Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-ISE2-E
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-ISE2-E Datasheet(HTML) 1 Page - National Semiconductor (TI)

  HPC-DEV-ISE2-E Datasheet HTML 1Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 2Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 3Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 4Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 5Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 6Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 7Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 8Page - National Semiconductor (TI) HPC-DEV-ISE2-E Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLDD10422
PRELIMINARY
November 1992
HPC36400EHPC46400E
High-Performance Communications MicroController
General Description
The HPC46400E is an upgraded HPC16400 Features have
been added to support V120 the 8-bit mode has been en-
hanced to support all instructions and the UART has been
changed to provide more flexibility and power
The
HPC46400E is fully upward compatible with the HPC16400
The HPC46400E has 4 functional blocks to support a wide
range of communication application-2 HDLC channels 4
channel DMA controller to facilitate data flow for the HDLC
channels programmable serial interface and UART
The serial interface decoder allows the 2 HDLC channels to
be used with devices using interchip serial link for point-to-
point and multipoint data exchanges The decoder gener-
ates enable signals for the HDLC channels allowing multi-
plexed D and B channel data to be accessed
The HDLC channels manage the link by providing sequenc-
ing using the HDLC framing along with error control based
upon a cyclic redundancy check (CRC) Multiple address
recognition modes and both bit and byte modes of opera-
tion are supported
The HPC36400E and HPC46400E are available in 68-pin
PLCC and 80-pin PQFP packages
Features
Y
HPCTM familycore features
16-bit data bus ALU and registers
64 kbytes of external memory addressing
FAST200 MHz system clock
Four 16-bit timercounters with WATCHDOGTM logic
MICROWIREPLUSTM serial IO interface
CMOSlow power with two power save modes
Y
Two full duplex HDLC channels
Optimized for ISDN X25 V120 and LAPD
applications
Programmable frame address recognition
Up to 465 Mbps serial data rate
Built in diagnostics
Synchronous bypass mode
Optional CRC generation
Received CRC bytes can be read by the CPU
Y
Four channel DMA controller
Y
8- or 16-bit external data bus
Y
UART
Full duplex
7 8 or 9 data bits
Even odd mark space or no parity
78 1 or 2 stop bit generation
Accurate internal baud rate generation up to 625k
baud without penalty of using expensive crystal
Synchronous and asynchronous modes of operation
Y
Serial Decoder
Supports 6 popular time division multiplexing proto-
cols for inter-chip communications
Optional rate adaptation of 64 kbits data rate to
56 kbits
Y
Over
Mbyte of extended addressing
Y
Easy interface to National’s DASL ‘U’ and ‘S’ trans-
ceiversTP3400 TP3410 and TP3420
Y
Commercial (0 Cto a70 C) and industrial (b40 Cto
a
85 C)
Block Diagram
TLDD10422 – 1
TapePak
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
HPCTM MICROWIREPLUSTM and WATCHDOGTM are trademarks of National Semiconductor Corporation
IBM
PC-AT
are registered trademarks of International Business Machines Corporation
Sun
is a registered trademark of Sun Microsystems
SunOSTM is a trademark of Sun Microsystems
UNIX
is a registered trademark of ATT Bell Laboratories
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - HPC-DEV-ISE2-E

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HPC-D COOPER-HPC-D Datasheet
91Kb / 1P
Panel-Mount Fuseholder
More results

Similar Description - HPC-DEV-ISE2-E

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C51KB INTEL-83C51KB Datasheet
273Kb / 19P
HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Texas Instruments
ISDN TI1-ISDN Datasheet
397Kb / 14P
ISDN Basic Rate Interface Software for the HPC16400E High Performance Data Communications Microcontroller
logo
Intel Corporation
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
High-Performance microController
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com