Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C151SB Datasheet (PDF) - Intel Corporation

87C151SB Datasheet PDF - Intel Corporation
Part # 87C151SB
Download  87C151SB Download
File Size   297.83 Kbytes
Page   33 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH-PERFORMANCE CHMOS MICROCONTROLLER

87C151SB Datasheet (PDF)

Go To PDF Page Download Datasheet
87C151SB Datasheet PDF - Intel Corporation

Part # 87C151SB
Download  87C151SB Click to download

File Size   297.83 Kbytes
Page   33 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH-PERFORMANCE CHMOS MICROCONTROLLER

87C151SB Datasheet (HTML) - Intel Corporation


87C151SB Product details

HIGH-PERFORMANCE CHMOS MICROCONTROLLER

The 8XC151SA/SB has an MCS 51 microcontroller compatible instructon set. It is available in 40-pin PDIP and 44-lead PLCC compatible with the MCS 51 microcontroller. The 8XC151SA/SB has 256 bytes of on-chip RAM and is available in 8/16 Kbytes of on-chip ROM/OTPROM or without ROM/OTPROM. A variety of new features such as programmable wait states, page mode and extended ALE can be selected using the new user-programmable configuration.

■ MCSÉ 51 Microcontroller Compatible Instruction Set
■ Pin Compatible with 44-lead PLCC and 40-lead PDIP MCS 51 Sockets
■ Fast Instruction Pipeline
■ 16-bit Internal Code Fetch
■ 8-bit, Min 2-clock External Code Fetch in Page Mode
■ User-selectable Configurations:
    — External Wait States (0-3 wait states)
    — Page Mode
■ 64K External Code Memory Space
■ 64K External Data Memory Space
■ ROM/OTPROM Options: 8 Kbytes (SA), 16 Kbytes (SB) or without ROM/OTPROM
■ 256 Bytes On-Chip RAM
■ Power Management
    — Idle Mode
    — Powerdown Mode
■ 32 Programmable I/O Lines
■ Seven Maskable Interrupt Sources with Four Programmable Priority Levels
■ Three Flexible 16-bit Timer/counters
■ Hardware Watchdog Timer
■ Programmable Counter Array
    — High-speed Output
    — Compare/Capture Operation
    — Pulse Width Modulator
    — Watchdog Timer
■ Programmable Serial I/O Port
    — Framing Error Detection
    — Automatic Address Recognition
■ High-performance CHMOS Technology
■ Static Standby to 16-MHz Operation
■ Package Options (PDIP, PLCC)




Similar Part No. - 87C151SB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196 INTEL-87C196 Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87C196 INTEL-87C196 Datasheet
311Kb / 38P
Advanced 16-Bit CHMOS Microcontrollers
87C196 INTEL-87C196 Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
255Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
324Kb / 25P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
More results


Similar Description - 87C151SB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com