Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196 Datasheet (PDF) - Intel Corporation

87C196 Datasheet PDF - Intel Corporation
Part # 87C196
Download  87C196 Download
File Size   255.95 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER

87C196 Datasheet (PDF)

Go To PDF Page Download Datasheet
87C196 Datasheet PDF - Intel Corporation

Part # 87C196
Download  87C196 Click to download

File Size   255.95 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER

87C196 Datasheet (HTML) - Intel Corporation


87C196 Product details

The 8XC196KD 16-bit microcontroller is a high performance member of the MCSÉ 96 microcontroller family. The 8XC196KD is an enhanced 80C196KC device with 1000 bytes RAM, 16 MHz operation and an optional 32 Kbytes of ROM/EPROM. Intel’s CHMOS III process provides a high performance processor along with low power consumption.

87C196KD—32 Kbytes of On-Chip OTPROM 83C196KD—32 Kbytes of ROM

■ 16 MHz and 20 MHz Available
■ 1000 Byte Register RAM
■ Register-to-Register Architecture
■ 28 Interrupt Sources/16 Vectors
■ Peripheral Transaction Server
■ 1.4 μs 16 x 16 Multiply (20 MHz)
■ 2.4 μs 32/16 Divide (20 MHz)
■ Powerdown and Idle Modes
■ Five 8-Bit I/O Ports
■ 16-Bit Watchdog Timer
■ Dynamically Configurable 8-Bit or 16-Bit Buswidth
■ Full Duplex Serial Port
■ High Speed I/O Subsystem
■ 16-Bit Timer
■ 16-Bit Up/Down Counter with Capture
■ 3 Pulse-Width-Modulated Outputs
■ Four 16-Bit Software Timers
■ 8- or 10-Bit A/D Converter with Sample/Hold
■ HOLD/HLDA Bus Protocol
■ OTP One-Time Programmable Version
■ Extended Temperature Available




Similar Part No. - 87C196

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196 INTEL-87C196 Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87C196 INTEL-87C196 Datasheet
311Kb / 38P
Advanced 16-Bit CHMOS Microcontrollers
87C196 INTEL-87C196 Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
324Kb / 25P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
428Kb / 34P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
More results


Similar Description - 87C196

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com