Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet (PDF) - Intel Corporation

83C51KB Datasheet PDF - Intel Corporation
Part # 83C51KB
Download  83C51KB Download
File Size   273.75 Kbytes
Page   19 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH PERFORMANCE KEYBOARD MICROCONTROLLER

83C51KB Datasheet (PDF)

Go To PDF Page Download Datasheet
83C51KB Datasheet PDF - Intel Corporation

Part # 83C51KB
Download  83C51KB Click to download

File Size   273.75 Kbytes
Page   19 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH PERFORMANCE KEYBOARD MICROCONTROLLER

83C51KB Datasheet (HTML) - Intel Corporation


83C51KB Product details

HIGH PERFORMANCE KEYBOARD MICROCONTROLLER

The 83C51KB is a highly integrated keyboard microcontroller for the standard and advanced desktop keyboard industry. The integration of external components into the microcontroller reduces overall keyboard control system manufacturing cost in terms of the number of components used, the amount of PCB space required, reduced inventory, and a reduction in required assembly activities. In addition, the integration reduces the number and amount of software routines needed for signal debounce and input status poll operation. There is a resultant reduction in CPU overhead as well as on-chip memory requirements. The 83C51KB product line is manufactured with Intel state of the art complimentary high-performance metallic oxide semiconductor (CHMOS) design rules.

■ Direct Drive LED Outputs
   — Four Pins (P3.7:4)
   — 13 mA Typical Current Sink Capability
■ 20 pF Cap On-chip for RC Resonator
   — Frequency Selectable (4-6 MHz)
■ 8 Dedicated Key Scan Input (KSI) Pins
   — Schmitt-trigger Inputs
   — External Interrupt
   — Level Detect Interrupt Mode for Automatic Power-down Exit
■ 16 Dedicated Key Scan Output (KSO) Pins with Quasi-bidirectional Port Drivers
   — No External Resistor Required
   — Located on P0.7:0 and P2.7:0
■ 4-Kbyte On-chip ROM Memory
■ 128-byte On-chip RAM Memory
■ Clock/Data Drivers to Motherboard
   — Strong Pullup Drivers for Keyboard Cable Communication
   — 8X42 Compatible Interface
   — Selectable external interrupt for Clock
■ ONCE mode (On-chip Emulation)
■ Power-on Reset Mode
   — Automatic Operation
■ 5 Volt D.C. Operation
■ Reduces Manufacturing Cost by Reducing Overall Component Count
■ Configurable Timer (16 bit or 2 by 8 Bit)
■ Uses Industry Standard Design Tools
■ Control Oriented Instruction Set
■ Industry Standard Architecture




Similar Part No. - 83C51KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C51FA INTEL-83C51FA Datasheet
200Kb / 13P
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
83C51FA INTEL-83C51FA Datasheet
259Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
83C51FA INTEL-83C51FA Datasheet
393Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
83C51FB INTEL-83C51FB Datasheet
259Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
83C51FB INTEL-83C51FB Datasheet
393Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
More results


Similar Description - 83C51KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC36400E NSC-HPC36400E Datasheet
362Kb / 30P
High-Performance Communications MicroController
logo
List of Unclassifed Man...
GL602USB ETC1-GL602USB Datasheet
201Kb / 35P
USB KEYBOARD MICROCONTROLLER
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
High-Performance microController
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com