Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 5 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 5 Page - Intel Corporation

  83C51KB Datasheet HTML 1Page - Intel Corporation 83C51KB Datasheet HTML 2Page - Intel Corporation 83C51KB Datasheet HTML 3Page - Intel Corporation 83C51KB Datasheet HTML 4Page - Intel Corporation 83C51KB Datasheet HTML 5Page - Intel Corporation 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
4.0 83C51KB MEMORY
Table 3. 83C51KB Memory Map
Code
Memory
Description
Notes
FFFFH
0000H
External code memory
4
0FFFH
0000H
4-Kbyte on-chip code memory array.
Data
Memory
Description
FFFFH
0000H
External data memory
2, 3
00FFH
0080H
Special function registers
1
007FH
0020H
On-chip RAM
5
001FH
0000H
4 banks of general purpose registers, R0-R7
NOTE:
1.
The special function registers (SFRs) are accessible by direct addressing only.
2.
Data in this area is accessible by indirect addressing only.
3.
RD#/WR# active for these external data addresses.
4.
PSEN# active for the external code addresses.
5.
Addresses 20H through 2FH are bit addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com