Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 19 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 19 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation 83C51KB Datasheet HTML 14Page - Intel Corporation 83C51KB Datasheet HTML 15Page - Intel Corporation 83C51KB Datasheet HTML 16Page - Intel Corporation 83C51KB Datasheet HTML 17Page - Intel Corporation 83C51KB Datasheet HTML 18Page - Intel Corporation 83C51KB Datasheet HTML 19Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
6.7 A.C. Testing Input, Output Waveforms Signature Byte Information
Valid signature bytes for the 83C51KB are detailed in the following table:
Table 9. 83C51KB Signature Byte Values
TROM Address
Contents
Device Type
30H
89H
Intel Corp.
31H
58H
FX-core
60H
20H
83C51KB
AC inputs during testing are driven at VCC – 0.5V for a logic 1
and 0.45 V for a logic 0. Timing measurements are made at
0.45 V
Inputs
Outputs
A4244-01
VIH MIN
VOL MAX
VCC – 0.5
0.2 VCC + 0.9
0.2 VCC – 0.1
a min of VIH for a logic 1 and VOL for a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com