Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 1 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 1 Page - Intel Corporation

  83C51KB Datasheet HTML 1Page - Intel Corporation 83C51KB Datasheet HTML 2Page - Intel Corporation 83C51KB Datasheet HTML 3Page - Intel Corporation 83C51KB Datasheet HTML 4Page - Intel Corporation 83C51KB Datasheet HTML 5Page - Intel Corporation 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Information in this document is provided in connection with Intel products. Intel assumes no liability whatsoever, including infringement of
any patent or copyright, for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products.
Intel retains the right to make changes to these specifications at any time, without notice. Microcontroller products may have minor varia-
tions to this specification known as errata.
COPYRIGHT © INTEL CORPORATION, 1996
March 1996
Order Number: 272800-001
83C51KB
HIGH PERFORMANCE
KEYBOARD MICROCONTROLLER
The 83C51KB is a highly integrated keyboard microcontroller for the standard and advanced desktop
keyboard industry. The integration of external components into the microcontroller reduces overall keyboard
control system manufacturing cost in terms of the number of components used, the amount of PCB space
required, reduced inventory, and a reduction in required assembly activities. In addition, the integration
reduces the number and amount of software routines needed for signal debounce and input status poll
operation. There is a resultant reduction in CPU overhead as well as on-chip memory requirements. The
83C51KB product line is manufactured with Intel state of the art complimentary high-performance metallic
oxide semiconductor (CHMOS) design rules.
s Direct Drive LED Outputs
— Four Pins (P3.7:4)
— 13 mA Typical Current Sink
Capability
s 20 pF Cap On-chip for RC Resonator
— Frequency Selectable (4-6 MHz)
s 8 Dedicated Key Scan Input (KSI) Pins
— Schmitt-trigger Inputs
— External Interrupt
— Level Detect Interrupt Mode for
Automatic Power-down Exit
s 16 Dedicated Key Scan Output (KSO)
Pins with Quasi-bidirectional Port
Drivers
— No External Resistor Required
— Located on P0.7:0 and P2.7:0
s 4-Kbyte On-chip ROM Memory
s 128-byte On-chip RAM Memory
s Clock/Data Drivers to Motherboard
— Strong Pullup Drivers for Keyboard
Cable Communication
— 8X42 Compatible Interface
— Selectable external interrupt for
Clock
s ONCE mode (On-chip Emulation)
s Power-on Reset Mode
— Automatic Operation
s 5 Volt D.C. Operation
s Reduces Manufacturing Cost by
Reducing Overall Component Count
s Configurable Timer (16 bit or 2 by 8 Bit)
s Uses Industry Standard Design Tools
s Control Oriented Instruction Set
s Industry Standard Architecture


Similar Part No. - 83C51KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C51FA INTEL-83C51FA Datasheet
200Kb / 13P
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
83C51FA INTEL-83C51FA Datasheet
259Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
83C51FA INTEL-83C51FA Datasheet
393Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
83C51FB INTEL-83C51FB Datasheet
259Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
83C51FB INTEL-83C51FB Datasheet
393Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
More results

Similar Description - 83C51KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC36400E NSC-HPC36400E Datasheet
362Kb / 30P
High-Performance Communications MicroController
logo
List of Unclassifed Man...
GL602USB ETC1-GL602USB Datasheet
201Kb / 35P
USB KEYBOARD MICROCONTROLLER
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
High-Performance microController
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com