Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 3 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 3 Page - Intel Corporation

  83C51KB Datasheet HTML 1Page - Intel Corporation 83C51KB Datasheet HTML 2Page - Intel Corporation 83C51KB Datasheet HTML 3Page - Intel Corporation 83C51KB Datasheet HTML 4Page - Intel Corporation 83C51KB Datasheet HTML 5Page - Intel Corporation 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
1.0 TEMPERATURE RANGE
With
the
commercial
(standard)
temperature
marking, this product line operates over the temper-
ature range 0°C to +70°C.
2.0 PROCESS INFORMATION
This device is manufactured on a complimentary
high-performance
metal-oxide
semiconductor
(CHMOS) process. Additional process and reliability
information is available in Intel’s
Components
Quality and Reliability Handbook (order number
210997).
All thermal impedance data is approximate for static
air conditions at 1 watt of power dissipation. Values
change depending on operating conditions and
application
requirements.
The
Intel
Packaging
Handbook (order number 240800) describes Intel’s
thermal impedance test methodology.
Table 1. Thermal Characteristics
Package Type
θ
JA
θ
JC
40-lead PDIP
70
°C/W
25
°C/W
3.0 83C51KB PACKAGE INFORMATION
The 83C51KB Family Nomenclature
XXXXX
XX
X
X
8
XX
X
A2815-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com