Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 11 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation 83C51KB Datasheet HTML 10Page - Intel Corporation 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation 83C51KB Datasheet HTML 14Page - Intel Corporation 83C51KB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
Figure 3. RCIN Frequency
NOTE:
RC resonator accuracy is ± 5% at fixed VCC and temperature using a 1% external precision resistor.
7
6.5
6
5.5
5
4.5
4
3.5
3
567
89
10
A4250-01
RCIN Frequency vs. Resistance
Resistance (KOhm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com