Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 13 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 9Page - Intel Corporation 83C51KB Datasheet HTML 10Page - Intel Corporation 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation 83C51KB Datasheet HTML 14Page - Intel Corporation 83C51KB Datasheet HTML 15Page - Intel Corporation 83C51KB Datasheet HTML 16Page - Intel Corporation 83C51KB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
6.1 D.C. Characteristics
Table 7. D.C. Characteristics
Symbol
Parameter
Min
Typical
(note 1)
Max
Unit
Test
Condition
VIL
Input Low Voltage (except
EA#, RCIN, RST)
-0.5
0.2 VCC -0.1
V
VIL1
Input Low Voltage RST
0
0.2 VCC -0.3
V
VIL2
Input Low Voltage EA#
-0.5
0.5
V
VIL3
Input Low Voltage RCIN
VCC/3
V
VIH
Input High Voltage (except
EA#, RCIN, RST)
0.2VCC+
0.9
VCC+0.5
V
VIH1
Input High Voltage (EA#,
RST)
0.7VCC
VCC+0.5
V
VIH2
Input High Voltage RCIN
2VCC/3
IIH = 8 mA
when external
clock source is
used on RCIN
VOL
Output Low Voltage (Port 0, 1,
2, 3, ALE, PSEN# except
P3.4/LED0, P3.5/LED1,
P3.6/LED2, P3.7/LED3)
0.3
0.45
1.0
VIOL=200 µA
IOL=3.2 mA
IOL=7.0 mA
(note 2,3)
IOL
Output Low Current
(P3.4/LED0, P3.5/LED1,
P3.6/LED2, P3.7/LED3 only)
613
22
mA
VOL=3.0 V
VOH
Output High Voltage (Port 0,
1, 2, 3, ALE, PSEN#, except
P3.0, P3.2, P3.3)
VCC-0.3
VCC-0.7
VCC-1.5
VIOH= -25 µA
IOH= -65 µA
IOH= -100 µA
(note 4)
NOTE:
1.
Typical values are obtained using VCC=5.0V, TA=25°C and are not guaranteed.
2.
Under steady state (non-transient) conditions, IOL must be externally limited as follow:
Maximum IOL per Port Pin—Port 0, 1, 2, P3.1-P3.3:
10mA
Maximum IOL per Port Pin—P3.4-P3.7:
22mA
Maximum IOL per 8-bit port—Port 0-2:
15mA
Ports 3:
95mA
Maximum Total IOL for AllOutput Pins:
110mA
If IOL exceeds the test conditions, VOL may exceed the related specification. Pins are not guaranteed
to sink current greater than the listed test conditions.
3.
Capacitive loading on Ports 0 and 2 may cause spurious noise pulses above 0.4V to be superimposed
on the low level outputs of ALE and Ports 1, 2 and 3. The noise is due to external bus capacitance dis-
charging into the Port 0 and Port 2 pins when these pins change from 1 to 0. In applications where
capacitive loading exceeds 100pF, the noise pulses on these signals may exceed 0.8V. It may be
desirable to qualify signals with a Schmitt Trigger, or CMOS-level input logic.
4.
Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 0.9 VCC
specification when the address lines are stabilizing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com