Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 15 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 15 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation 83C51KB Datasheet HTML 14Page - Intel Corporation 83C51KB Datasheet HTML 15Page - Intel Corporation 83C51KB Datasheet HTML 16Page - Intel Corporation 83C51KB Datasheet HTML 17Page - Intel Corporation 83C51KB Datasheet HTML 18Page - Intel Corporation 83C51KB Datasheet HTML 19Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
Figure 5. External Clock Drive
ICC
Power Supply Current:
Active Mode at 6MHz
Idle Mode at 6MHz
Power Down Mode
7
2
10
12
5
50
mA
mA
µA
RST, EA# to
VCC
RST, EA# to
VSS
RST, EA# to
VSS
(RCIN pin to
external resis-
tor, all other
pins are no
connect)
VPOR
Power on reset crossover
2.4
3
3.6
V
Table 7. D.C. Characteristics (Continued)
Symbol
Parameter
Min
Typical
(note 1)
Max
Unit
Test
Condition
NOTE:
1.
Typical values are obtained using VCC=5.0V, TA=25°C and are not guaranteed.
2.
Under steady state (non-transient) conditions, IOL must be externally limited as follow:
Maximum IOL per Port Pin—Port 0, 1, 2, P3.1-P3.3:
10mA
Maximum IOL per Port Pin—P3.4-P3.7:
22mA
Maximum IOL per 8-bit port—Port 0-2:
15mA
Ports 3:
95mA
Maximum Total IOL for AllOutput Pins:
110mA
If IOL exceeds the test conditions, VOL may exceed the related specification. Pins are not guaranteed
to sink current greater than the listed test conditions.
3.
Capacitive loading on Ports 0 and 2 may cause spurious noise pulses above 0.4V to be superimposed
on the low level outputs of ALE and Ports 1, 2 and 3. The noise is due to external bus capacitance dis-
charging into the Port 0 and Port 2 pins when these pins change from 1 to 0. In applications where
capacitive loading exceeds 100pF, the noise pulses on these signals may exceed 0.8V. It may be
desirable to qualify signals with a Schmitt Trigger, or CMOS-level input logic.
4.
Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 0.9 VCC
specification when the address lines are stabilizing.
0.7 V
CC
A4252-01
0.45 V
V
CC – 0.5
0.2 V
CC – 0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com