Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 4 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 4 Page - Intel Corporation

  83C51KB Datasheet HTML 1Page - Intel Corporation 83C51KB Datasheet HTML 2Page - Intel Corporation 83C51KB Datasheet HTML 3Page - Intel Corporation 83C51KB Datasheet HTML 4Page - Intel Corporation 83C51KB Datasheet HTML 5Page - Intel Corporation 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
Figure 2. 83C51KB 40-pin DIP Diagram
Table 2. 83C51KB Nomenclature Definitions
Parameter
Options
Description
Temperature and Burn-in
Options
no mark
Commercial operating temperature range (0°C to 70°C) with
Intel standard burn-in.
Packaging Options
P
Plastic Dual-in-line Package (PDIP)
Program Memory Options
3
Factory programmed ROM
Process Information
C
CHMOS
Product Family
51
MCS 51 Compatible Product Family
Device Memory Options
KB
128 bytes RAM
4 Kbytes ROM
Device Speed
no mark
4-6 MHz
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
P83C51KB
View of
component
as mounted
on PC board
A4248-01
P1.0/KSI0
P1.1/KSI1
P1.2/KSI2
P1.3/KSI3
P1.4/KSI4
P1.5/KSI5
P1.6/KSI6
P1.7/KSI7
RST
P3.0/DATA
P3.1
P3.2/CLK0/INT0#
P3.3/CLK1/INT1#
P3.4/LED0/T0
P3.5/LED1
P3.6/LED2/WR#
P3.7/LED3/RD#
NC
RCIN
VSS
VCC
P0.0/KSO0/AD0
P0.1/KSO1/AD1
P0.2/KSO2/AD2
P0.3/KSO3/AD3
P0.4/KSO4/AD4
P0.5/KSO5/AD5
P0.6/KSO6/AD6
P0.7/KSO7/AD7
EA#
ALE
PSEN#
P2.7/KSO15/A15
P2.6/KSO14/A14
P2.5/KSO13/A13
P2.4/KSO12/A12
P2.3/KSO11/A11
P2.2/KSO10/A10
P2.1/KSO9/A9
P2.0/KSO8/A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com