Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 8 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 8 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 4Page - Intel Corporation 83C51KB Datasheet HTML 5Page - Intel Corporation 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation 83C51KB Datasheet HTML 10Page - Intel Corporation 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
Table 6. 83C51KB Signal Description
Signal
Name
Type
Description
Alternate
Function
A15:8†
O
Address Signals . Upper address lines for the external bus. These
signals are normally used for the KSO15:8 scan function and are not
available for external memory access in a keyboard application. (See
KSO signals).
KSO.15:8
P2.15:8
AD7:0†
I/O
Address/Data Signals. Multiplexed lower address and data signals
for external memory. These signals are normally used for the KSO7:0
scan function and are not available for external memory access in a
keyboard application. (See KSO)
KSO.7:0
P0.7:0
ALE†
O
Address Latch Enable. ALE signals the start of an external bus cycle
and indicates that valid address information is available on lines A15:8
and AD7:0. Since these external address signals are normally used for
the KSO scan function, the ALE should not be used for external mem-
ory access in a keyboard application. ALE can be disabled when not
used for external memory access by setting bit 0 of SFR AUXR at
address 8EH.
CLK1:0
P3.3:2
I/O
Clock signal. Either P3.2 or P3.3 is configurable with a 1.8K
Ω pullup
and with external interrupt INT0# or INT1# and used as keyboard CLK
signal.
INT1:0#
DATA
P3.0
I/O
DATA signal. P3.0 is configurable with a 1.8K
Ω pullup and used as key-
board Data signal..
EA#
I
External Access. Directs program memory accesses to on-chip or off-
chip code memory. For EA# = 0, all program memory accesses are off-
chip. EA# should always be strapped to VCC for keyboard applications
using the 83C51KB.
INT1:0#†
I
External Interrupts 0 and 1. These inputs set bits IE1:0 in the TCON
register. If bits IT1:0 in the TCON register are set, bits IE1:0 are set by
a falling edge on INT1#/INT0#. If bits INT1:0 are clear, bits IE1:0 are
set by a low level on INT1:0#. For keyboard applicaitons, these signals
are normally used for the CLK signals. (See KSIINT and CDPU bits in
the PCON register)
CLK1:0
P3.3:2
KSI7:0
P1.7:0
I/O
Keyboard Scan Inputs. Application specific keyboard signals.
KSO15:0
P2.15:8
P0.7:0
I/O
Keyboard Scan Outputs. The KSO signals are application specific to
keyboard scan functions.
LED3:0
P3.7:4
I/O
Light Emitting Diode Drivers. The LED signals are specifically designed to
drive LEDs connected to Vcc directly (see D.C. Characteristics). The
alternate functions are not available for keyboard applications.
RD#, WR#,
T0
N/C
—
No Connection Signal. This signal is to be unconnected.
P0.7:0†
I/O
Port 0. This is an 8-bit quasi-bidirectional I/O port (see KSO signals,
see also AD7:0).
AD7:0
P1.7:0
I/O
Port 1. This is an 8-bit quasi-bidirectional I/O port (see KSI signals).
P2.7:0
I/O
Port 2. This is an 8-bit quasi-bidirectional I/O port (see also A15:8).
A15:8
† The descriptions of RD#, WR#, ALE, P’SEN#, A15:8/P2.7:0 and AD7:0/P0.7:0 are documented for the
standard MCS 51 microcontrollers. They are not used for these functions in keyboard applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com