Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 18 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 18 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation 83C51KB Datasheet HTML 14Page - Intel Corporation 83C51KB Datasheet HTML 15Page - Intel Corporation 83C51KB Datasheet HTML 16Page - Intel Corporation 83C51KB Datasheet HTML 17Page - Intel Corporation 83C51KB Datasheet HTML 18Page - Intel Corporation 83C51KB Datasheet HTML 19Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
6.5 External Data Memory Read Cycle External Data Memory Write Cycle Waveform
Figure 6. External Data Memory Write Cycle
6.6 Testing Characteristics
Figure 7. Float Waveforms
A4256-01
ALE
PSEN#
TLLAX
TLHLL
TWHQX
PORT 0
P2.0 - P2.7 or A8 - A15 from DPH
PORT 2
A8 - A15 from PCH
A0-A7 from RI or DPL
A0 - A7 from PCL
Data Out
TWHLH
WR#
TQVWH
TAVWL
Instr. In
TQVWX
TAVLL
TLLWL
TRLWH
VLOAD + 0.1 V
VLOAD – 0.1 V
Timing Reference
Points
VLOAD
VOH – 0.1 V
VOL + 0.1 V
For timing purposes, a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loading VOH/VOL level occurs
with IOL/IOH = ± 20 mA.
A4243-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com