Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C51KB Datasheet(PDF) 9 Page - Intel Corporation

Part # 83C51KB
Description  HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51KB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 83C51KB Datasheet HTML 5Page - Intel Corporation 83C51KB Datasheet HTML 6Page - Intel Corporation 83C51KB Datasheet HTML 7Page - Intel Corporation 83C51KB Datasheet HTML 8Page - Intel Corporation 83C51KB Datasheet HTML 9Page - Intel Corporation 83C51KB Datasheet HTML 10Page - Intel Corporation 83C51KB Datasheet HTML 11Page - Intel Corporation 83C51KB Datasheet HTML 12Page - Intel Corporation 83C51KB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
83C51KB HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
P3.7:0
I/O
Port 3. This is an 8-bit quasi-bidirectional I/O port (see CLK1:0, DATA,
LED3:0).
PSEN#
O
Program Store Enable. This output is asserted for external program
memory fetch operations. It is not available for keyboard applications.
RCIN
I
Resonant Clock Input. RC resonator generated by connecting 1% preci-
sion resistor to VCC or provide an external clock input from an external
clock device.
RD#
O
Read . Read signal output for external data memory read operations.
It is not available for keyboard applications.
LED3
RST
I
Reset. Asserting RST when the chip is in idle mode or powerdown
mode returns the chip to normal operation. This signal is input only.
When power is applied to the chip, the internal reset signal remains
high for approximately 80ms to 260ms (see the datasheet for current
specifications). The reset circuit then deactivates and does not re-
activate unless VCC drops below the crossover at approximately
3VDC.
VCC
PWR
Supply Voltage. Connect this pin to the +5V supply voltage.
VSS
GND
Circuit Ground. Connect this pin to ground.
WR#
O
Write. Write signal output for external data memory write operations.
It is not available for keyboard applications.
LED2
Table 6. 83C51KB Signal Description
Signal
Name
Type
Description
Alternate
Function
The descriptions of RD#, WR#, ALE, P’SEN#, A15:8/P2.7:0 and AD7:0/P0.7:0 are documented for the
standard MCS 51 microcontrollers. They are not used for these functions in keyboard applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com