Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCB Datasheet(PDF) 2 Page - AVX Corporation

Part # TCB
Description  COTS-Plus Polymer Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCB Datasheet(HTML) 2 Page - AVX Corporation

  TCB Datasheet HTML 1Page - AVX Corporation TCB Datasheet HTML 2Page - AVX Corporation TCB Datasheet HTML 3Page - AVX Corporation TCB Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
99
TECHNICAL SPECIFICATIONS
Technical Data:
All technical data relate to an ambient temperature of +25ºC
Capacitance Range:
10μF to 470μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.1CV
Temperature Range:
-55ºC to +125°C
Basic Reliability:
0.5% per 1000 hours at 85ºC, Vr with 0.1ΩV series impedance, 60% confidence level
Termination Finish:
Sn Plating or SnPb Plating (Non RoHS)
HOW TO ORDER
AVX PART NUMBER:
TCB
107
010
D
C
S
Z
0
E
++
^
R
M
Type
Case
Size
See
table on
previous
page
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd digit
represents
multiplier
(number of
zeros to follow)
Tolerance
M = ±20%
Rated DC
Voltage
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
Inspection Level
S = Standard
Conformance
Reliability
Grade
Z = Non-ER
Termination
Finish
7 = 100% Tin
H* = Sn/Pb
Non RoHS
*Contact Manufacturer
Surge Test
Option
00 = Standard
23 = 10x Cycles, 25°C
24 = 10x Cycles,
-55ºC & +85ºC
Qualification
Level
0 = N/A
Additional
Character
E = Black resin
ESR
C = Std ESR
L = Low ESR
Packaging
R = 7” T&R
NOTE: Conductive Polymer Capacitors are designed to operate within the limits of the environmental conditions specified for each series. If operated continuously
at their maximum temperature and / or humidity limit, or beyond these limits, capacitors may exhibit a parametric shift in capacitance and increases in ESR. These
changes may occur earlier if the specified environmental conditions are exceeded. Similarly, their normal operational time period will be significantly extended if
their general duty cycle includes operation below maximum temperature within humidity controlled environments. Careful attention should be paid to maximum
temperature with associated high humidity environments as well as voltage derating, ripple current and current surges. Please reference the AVX Conductive
Polymer Capacitor Guidelines for more information or contact factory for application assistance.
TCB Series
COTS-Plus Polymer Capacitor
050719



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com