Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCB Datasheet(PDF) 4 Page - AVX Corporation

Part # TCB
Description  COTS-Plus Polymer Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCB Datasheet(HTML) 4 Page - AVX Corporation

  TCB Datasheet HTML 1Page - AVX Corporation TCB Datasheet HTML 2Page - AVX Corporation TCB Datasheet HTML 3Page - AVX Corporation TCB Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
101
QUALIFICATION TABLE
TEST
TCB series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Endurance
Determine after application of rated voltage for 2000
+48/-0 hours at 105±2ºC. Also determine after
application of 125ºC temperature, 2/3 rated voltage
for 2000 +48/-0 hours. After test leaving 1-2 hours
at room temperature. Power supply impedance to be
≤ 0.1Ω/V.
Visual examination
no visible damage
DCL
1.25 x initial limit
ΔC/C
within +10/-20% of initial value
DF
initial limit
ESR
2 x initial limit
Storage Life
125ºC, 0V, 2000h
Visual examination
no visible damage
DCL
2 x initial limit
ΔC/C
within +10/-20% of initial value
DF
initial limit
ESR
2 x initial limit
Biased
Humidity
Determine after leaving for 500 or 1000 hours
at 85±2ºC, 85% relative humidity and rated
voltage and then recovery 1-2 hours at room
temperature.
Visual examination
no visible damage
DCL
3 x initial limit
ΔC/C
within +35/-5% of initial value
DF
initial limit
ESR
2 x initial limit
Temperature
Stability
Step
Temperature°C
Duration (min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
+20ºC -55ºC +20ºC +85ºC +125ºC +20ºC
DCL
IL*
n/a
IL*
10 x IL* 12.5 x IL*
IL*
ΔC/C
n/a
+0/-20%
±5%
+20/-0% +30/-0% ±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
Surge
Voltage
Test temperature: 125ºC+3/0ºC
Surge voltage: 1.3 x2/3 rated voltage
Charge/Discharge resistance: 1000±100Ω
Number of cycles: 1000x
Cycle duration: 6min; 30 sec charge,
5min 30 sec discharge
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within +5/-20% of initial value
DF
initial limit
ESR
1.25 x initial Limit
Mechanical
Shock/Vibration
MIL-STD-202, Method 213, Condition I,
100 G peak
MIL-STD-202, Method 204, Condition D,
10 Hz to 2,000 Hz, 20 G peak
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within ±10% of initial value
DF
initial limit
ESR
1.25 x initial Limit
*Initial Limit
For use outside of recommended conditions and special request, please contact manufacturer.
Initial measurement max. 1hr after the removal from dry pack or after pretreatment at 85°C for 24 hours.
TCB Series
COTS-Plus Polymer Capacitor
011519



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com