Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B112-002-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B112-002-R
Description  2-Port Manual VGA/SVGA Video Switch (3x HD15F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B112-002-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B112-002-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B112-002-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Shipping Dimensions (hwd / in.)
1.00 x 4.90 x 3.50
Shipping Weight (kg)
0.18
Shipping Weight (lbs.)
0.40
Unit Dimensions (hwd / in.)
0.94 x 4.4 x 2.7
Unit Packaging Type
Box
Unit Weight (kg)
0.15
Unit Weight (lbs.)
0.33
ENVIRONMENTAL
Operating Temperature Range
14 to 131 F (-10 to 55 C)
Storage Temperature Range
5 to 131 F (-15 to 55 C)
Relative Humidity
5% to 90% RH, Non-Condensing
BTUs
1.7 BTU/Hr
Power Consumption (Watts)
0.5
CONNECTIONS
Ports
2
Side A - Connector 1
(2) HD15 (FEMALE)
Side B - Connector 1
HD15 (FEMALE)
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
Port Selection
Pushbutton
Max Supported Video Resolution
1920 x 1080 @60Hz
Driver Required
No
EDID Compatible
Yes
Technology
VGA/SVGA
CERTIFICATIONS
Certifications
Tested to CE, FCC, RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com