Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B112-002-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B112-002-R
Description  2-Port Manual VGA/SVGA Video Switch (3x HD15F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B112-002-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B112-002-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B112-002-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
2-Port Manual VGA/SVGA Video Switch (3x
HD15F)
MODEL NUMBER: B112-002-R
Description
Tripp Lite's 2-Port Manual VGA/SVGA Switch is the optimal solution for connecting two computers to one
monitor or two monitors to one computer. The 2-Port Manual VGA/SVGA Switch features a fully-shielded
rugged metal case with front-panel push-button switching. Interior printed circuit board design allows for
crystal clear resolutions up to 1600x1280. It does not require any AC power to operate.
Features
Connects two computers to one monitor or two monitors to one computer
q
Fully-shielded rugged metal case with front-panel push button switch
q
Does not require external power, software, or complicated set-up procedures
q
Highlights
2-port HD15 VGA/SVGA Push-
Button Switch
q
Rugged Metal Case
q
System Requirements
Computer with an HD15 port
q
VGA or SVGA monitor with
HD15M cable
q
Package Includes
B112-002-R Manual VGA/SVGA
2 Position Switch
q
OVERVIEW
UPC Code
037332014269
INPUT
Bus Powered
Yes
PHYSICAL
Color
Silver
Material of Construction
Steel
Shipping Dimensions (hwd / cm)
2.54 x 12.45 x 8.89
1 / 2


Similar Part No. - B112-002-R

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B112 INTRONICS-B112 Datasheet
189Kb / 2P
1WATT DC-DC CONVERTERS
logo
Tripp Lite. All Rights ...
B112002R TRIPPLITE-B112002R Datasheet
479Kb / 2P
2-Port Manual VGA/SVGA Video Switch (3x HD15F)
logo
Compact Technology Corp...
B1120B CTC-B1120B Datasheet
52Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
B1127 ETC1-B1127 Datasheet
1Mb / 24P
Desoldering Tool
logo
Systemsensor advanced i...
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
Plug-in Detector Base
More results

Similar Description - B112-002-R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1454R SONY-CXB1454R Datasheet
308Kb / 17P
VGA/SVGA/XGA 24bit Receiver
logo
Advantech Co., Ltd.
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
logo
Tripp Lite. All Rights ...
B114002R TRIPPLITE-B114002R Datasheet
491Kb / 2P
2-Port VGA-SVGA Video Splitter with Signal Booster, High Resolution Video, 350MHz, (HD15 M-2xF)
B114004R TRIPPLITE-B114004R Datasheet
481Kb / 2P
4-Port VGA-SVGA Video Splitter with Signal Booster, High Resolution Video, 350MHz, (HD15 M-4xF)
B112002R TRIPPLITE-B112002R Datasheet
479Kb / 2P
2-Port Manual VGA/SVGA Video Switch (3x HD15F)
logo
Level One
KVM-0223 LVL1-KVM-0223 Datasheet
588Kb / 3P
2-Port Cable KVM Switch, VGA, USB, Audio
logo
IOGEAR
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
2-Port VGA Video Splitter
GVS72 IOGEAR-GVS72 Datasheet
129Kb / 2P
2-Port VGA Video Splitter
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
4-Port VGA Video Splitter
GVS78 IOGEAR-GVS78 Datasheet
136Kb / 2P
8-Port VGA Video Splitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com