Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29DL323 Datasheet(PDF) 13 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 13 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 9Page - AMIC Technology A29DL323 Datasheet HTML 10Page - AMIC Technology A29DL323 Datasheet HTML 11Page - AMIC Technology A29DL323 Datasheet HTML 12Page - AMIC Technology A29DL323 Datasheet HTML 13Page - AMIC Technology A29DL323 Datasheet HTML 14Page - AMIC Technology A29DL323 Datasheet HTML 15Page - AMIC Technology A29DL323 Datasheet HTML 16Page - AMIC Technology A29DL323 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
12
AMIC Technology, Corp.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on I/O7 - I/O0. This mode is primarily
intended for programming equipment to automatically match
a
device
to
be
programmed
with
its
corresponding
programming algorithm. However, the autoselect codes can
also be accessed in-system through the command register.
When using programming equipment, the autoselect mode
requires VID (8.5V to 12.5 V) on address pin A9. Address
pins A6, A1, and A0 must be as shown in Table 5. In
addition, when verifying sector protection, the sector address
must appear on the appropriate highest order address bits.
(see Table 3-4). Table 5 shows the remaining address bits
that are don't care. When all necessary bits have been set as
required, the programming equipment may then read the
corresponding identifier code on I/O7 - I/O0.
To access the autoselect codes in-system, the host system
can issue the autoselect command via the command
register, as shown in Table 12. This method does not require
VID. Refer to the Autoselect Command Sequence section for
more information.
Table 5. A29DL32x Autoselect Codes (High Voltage Method)
I/O8 to I/O15
Description
CE
OE
WE
A20
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
A2
A1
A0
BYTE
= VIH
BYTE
= VIL
I/O7
to
I/O0
Manufacturer ID:
AMIC
L
L
H
BA
X
VID
X
L
X
L
L
L
L
X
X
37h
Device ID: A29DL322
L
L
H
BA
X
VID
X
L
X
X
X
L
H
22h
X
55h (T), 56h (U)
Device ID: A29DL323
L
L
H
BA
X
VID
X
L
X
X
X
L
H
22h
X
50h (T), 53h (U)
Device ID: A29DL324
L
L
H
BA
X
VID
X
L
X
X
X
L
H
22h
X
5Ch (T), 5Fh (U)
Continuation ID
L
L
H
X
X
VID
X
L
X
X
X
H
H
X
X
7Fh
Read Sector Status
L
L
H
SA
X
VID
X
L
X
L
L
H
L
X
X
01h (protected),
00h (unprotected)
L=Logic Low= VIL, H=Logic High=VIH, SA=Sector Address, X=Don’t Care, BA=Bank Address
Note: The autoselect codes may also be accessed in-system via command sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com