Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29DL323 Datasheet(PDF) 21 Page - AMIC Technology

Part # A29DL323
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL323 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29DL323 Datasheet HTML 17Page - AMIC Technology A29DL323 Datasheet HTML 18Page - AMIC Technology A29DL323 Datasheet HTML 19Page - AMIC Technology A29DL323 Datasheet HTML 20Page - AMIC Technology A29DL323 Datasheet HTML 21Page - AMIC Technology A29DL323 Datasheet HTML 22Page - AMIC Technology A29DL323 Datasheet HTML 23Page - AMIC Technology A29DL323 Datasheet HTML 24Page - AMIC Technology A29DL323 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
A29DL32x Series
PRELIMINARY
(May, 2005, Version 0.0)
20
AMIC Technology, Corp.
Table 11. Primary Vendor-Specific Extended Query
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0033h
Minor version number, ASCII
45h
8Ah
0000h
Address Sensitive Unlock
0 = Required, 1 = Not Required
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
04 = A29L800 mode
4Ah
94h
00XXh
Number of Sectors (Excluding Bank 1)
XX = 38 (A29DL322)
XX = 30 (A29DL323)
XX = 20 (A29DL324)
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
9Ah
0085h
ACC (Acceleration) Supply Minimum 00h = Not Supported, D7-D4: Volt,
D3-D0: 100 mV
4Eh
9Ch
0095h
ACC (Acceleration) Supply Maximum 00h = Not Supported, D7-D4: Volt,
D3-D0: 100 mV
4Fh
9Eh
000Xh
Top/Bottom Boot Sector Flag 02h = Bottom Boot Device, 03h = Top Boot
Device
50h
A0h
0000h
Program Suspend
0 = Not Supported, 1 = Supported
57h
AEh
0002h
Bank Organization
X = 2 (2 banks, all models)
58h
B0h
00XXh
Bank 1 Region Information – Number of Sectors on Bank 1
XX = 0F (A29DL322)
XX = 17 (A29DL323)
XX = 27 (A29DL324)
59h
B2h
00XXh
Bank 2 Region Information – Number of Sectors in Bank 2
XX = 38 (A29DL322)
XX = 30 (A29DL323)
XX = 20 (A29DL324)
5Ah
B4h
0000
Bank 3 Region Information – Number of Sector in Bank 3
5Bh
B6h
0000
Bank 4 Region Information – Number of Sector in Bank 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com