Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AX Datasheet(PDF) 21 Page - AMIC Technology

Part # A29L040AX
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AX Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29L040AX Datasheet HTML 17Page - AMIC Technology A29L040AX Datasheet HTML 18Page - AMIC Technology A29L040AX Datasheet HTML 19Page - AMIC Technology A29L040AX Datasheet HTML 20Page - AMIC Technology A29L040AX Datasheet HTML 21Page - AMIC Technology A29L040AX Datasheet HTML 22Page - AMIC Technology A29L040AX Datasheet HTML 23Page - AMIC Technology A29L040AX Datasheet HTML 24Page - AMIC Technology A29L040AX Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
20
AMIC Technology, Corp.
Timing Waveforms for I/O2 vs. I/O6
AC Characteristics
Erase and Program Operations
Alternate
CE Controlled Writes
Parameter Symbols
Speed
JEDEC
Std
Description
-70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
70
ns
tAVEL
tAS
Address Setup Time
Min.
0
ns
tELAX
tAH
Address Hold Time
Min.
45
ns
tDVEH
tDS
Data Setup Time
Min.
30
ns
tEHDX
tDH
Data Hold Time
Min.
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min.
0
ns
tWLEL
tWS
WE Setup Time
Min.
0
ns
tEHWH
tWH
WE Hold Time
Min.
0
ns
tELEH
tCP
Write Pulse Width
Min.
35
ns
tEHEL
tCPH
Write Pulse Width High
Min.
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
(Note 2)
Typ.
17
µs
tWHWH2
tWHWH2
Sector Erase Operation
(Note 2)
Typ.
2
sec
Notes:
3. Not 100% tested.
4. See the "Erase and Programming Performance" section for more information.
Enter
Embedded
Erasing
Erase
Suspend
Enter Erase
Suspend Program
Erase
Resume
WE
I/O6
I/O2
Erase
Erase Suspend
Read
Erase Suspend
Read
Erase
Erase
Complete
I/O2 and I/O6 toggle with OE and CE
Note : Both I/O6 and I/O2 toggle with OE or CE. See the text on I/O6 and I/O2 in the section "Write Operation Statue" for
more information.
Erase
Suspend
Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com