Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L040AX Datasheet(PDF) 5 Page - AMIC Technology

Part # A29L040AX
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AX Datasheet(HTML) 5 Page - AMIC Technology

  A29L040AX Datasheet HTML 1Page - AMIC Technology A29L040AX Datasheet HTML 2Page - AMIC Technology A29L040AX Datasheet HTML 3Page - AMIC Technology A29L040AX Datasheet HTML 4Page - AMIC Technology A29L040AX Datasheet HTML 5Page - AMIC Technology A29L040AX Datasheet HTML 6Page - AMIC Technology A29L040AX Datasheet HTML 7Page - AMIC Technology A29L040AX Datasheet HTML 8Page - AMIC Technology A29L040AX Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Storage Temperature Plastic Packages . . . . . .0
°C to + 70°C
. . . . . . . . . . . . . . . . . . . . . …... for -U series: -40
°C to +85°C
Ambient Temperature with Power Applied . . . 0
°C to + 70°C
. . . . . . . . . . . . . . . . . . . . . . for -U series: -40
°C to +85°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . . . . . . ….. -0.5V to +4.0V
A9 &
OE (Note 2) . . . . . . . . . . . . . . . . . . . … -0.5 to +12.5V
All other pins (Note 1) . . . . . . . . . . . .... -0.5V to VCC + 0.5V
Output Short Circuit Current (Note 3) . . . . . . . . . … 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, input or I/O pins may undershoot VSS
to -2.0V for periods of up to 20ns. Maximum DC voltage
on input and I/O pins is VCC +0.2V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0V
for periods up to 20ns.
2. Minimum DC input voltage on A9 and
OE is -0.5V.
During voltage transitions, A9 and
OE may overshoot
VSS to -2.0V for periods of up to 20ns. Maximum DC
input voltage on A9 is +12.5V which may overshoot to
14.0V for periods up to 20ns.
3. No more than one output is shorted at a time. Duration of
the short circuit should not be greater than one second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this
device
at
these
or
any other
conditions
above
those
indicated
in
the
operational
sections
of
these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended periods
may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . ……. . . 0
°C to +70°C
Extended Range Devices
Ambient Temperature (TA) . . . . . . . . . . . ….. -40
°C to +85°C
VCC Supply Voltages
VCC for all devices . . . . . . . . . . . . . . . . . . +2.7V to +3.6V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1. A29L040A Device Bus Operations
Operation
CE
OE
WE
A0 – A18
I/O0 - I/O7
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
CMOS Standby
VCC
± 0.3 V
X
X
X
High-Z
TTL Standby
H
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: See the "Sector Protection/Unprotection" section, for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com