Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB202DFC Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB202DFC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB202DFC Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMB202DFC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB202DFC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB202DFC-Manual-Rev0.1
Page: 8 of 11
4.4
Display Memory Map
There are two main memory-areas in the LCD module for display.
-
Character Generator RAM (CGRAM)
-
Display Data RAM (DDRAM)
4.4.1 Character Generator RAM (CGRAM)
Character Generator RAM is for storing the User-defined Characters (5x8 dots font).
Totally 8 User-defined Characters (character code = 00h ~ 07h) could be created.
The User-defined Character Codes are 00h and 07h. They could be called into DDRAM as normal
character.
CGRAM Data (Font Pattern)
User-defined
Character
Code
CGRAM
Address
D7 ~ D5
D4
~
D0
00h
(08h)
00h
01h
:
06h
07h
Not Use
5 x 8 dots
font pattern
01h
(09h)
08h
09h
:
0Eh
0Fh
Not Use
5 x 8 dots
font pattern
02h
(0Ah)
10h
11h
:
16h
17h
Not Use
5 x 8 dots
font pattern
03h
(0Bh)
18h
19h
:
1Eh
1Fh
Not Use
5 x 8 dots
font pattern
04h
(0Ch)
20h
21h
:
26h
27h
Not Use
5 x 8 dots
font pattern
05h
(0Dh)
28h
29h
:
2Eh
2Fh
Not Use
5 x 8 dots
font pattern
06h
(0Eh)
30h
31h
:
36h
37h
Not Use
5 x 8 dots
font pattern
07h
(0Fh)
38h
39h
:
3Eh
3Fh
Not Use
5 x 8 dots
font pattern
CGRAM Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com