Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB202DFC Datasheet(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB202DFC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB202DFC Datasheet(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMB202DFC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMB202DFC Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TOPWAY
LCD Module User Manual
LMB202DFC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB202DFC-Manual-Rev0.1
Page: 10 of 11
4.5
Display Commands
Code
No.
Instructions
Function
1
Clear
Display
0
0
0
0
0
0
0
0
0
1
Write “20h” to DDRAM and
set DDRAM address (AC) to “00h”
2
Return
Home
0
0
0
0
0
0
0
0
1
x
Set DDRAM address (AC) to “00h” and
return cursor to its original position if shifted
(DDRAM contents are not change)
3
Entry Mode
Set
0
0
0
0
0
0
0
1
I/D
S
Set cursor moving direction and specify display
shift, during data read and write of DDRAM and
CGRAM.
S=1, screen shifting;
S=0, no screen shifting
I/D=1, AC=AC+1 and if S=1, screen shift left
I/D=0, AC=AC-1 and if S=1, screen shift right
4
Display
ON/OFF
0
0
0
0
0
0
1
D
C
B
D=1, display on;
D=0, display off
C=1, cursor on;
C=0, cursor off
B=1, cursor blinking on; B=0, cursor blinking off
5
Cursor or
Display Shift
0
0
0
0
0
1 S/C R/L
x
x
Move the cursor or shift the display, where
DDRAM contents.
S/C=1, shift screen;
S/C=0, shift cursor
R/L=1, to right-side;
R/L=0, to left side
(if S/C=1, AC will not be changed)
6
Function
Set
0
0
0
0
1
DL
N
F
x
x
DL=1, 8-bit interface;
DL=0, 4-bit interface
N=1, 2-line display;
N=0, 1-line display
F=1, 5x11 dots font;
F=0, 5x8 dots font
7
Set CGRAM
address
0
0
0
1 AC5 AC4 AC3 AC2 AC1 AC0
Set CGRAM address in address counter
8
Set DDRAM
address
0
0
1 AC6 AC5 AC4 AC3 AC2 AC1 AC0
Set DDRAM address in address counter
9
Read Busy flag
& address
0
1
BF AC6 AC5 AC4 AC3 AC2 AC1 AC0
Check the system status and get the address
counter content (AC6~AC0).
BF=1, busy;
BF=0, ready
10
Write data
to RAM
1
0
D7 D6 D5 D4 D3 D2 D1 D0
Write the data into internal RAM, where the
address counter pointing at.
11
Read data
from RAM
1
1
D7 D6 D5 D4 D3 D2 D1 D0
Read the data from internal RAM, where the
address counter pointing at.
Note:
*1. Do not use any other command not listed, or the system malfunction may result.
*2. For the details of the Display Commands, please refer to ST7066U datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com