Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW128ML Datasheet(PDF) 12 Page - STMicroelectronics

Part # M68AW128ML
Description  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M68AW128ML Datasheet HTML 8Page - STMicroelectronics M68AW128ML Datasheet HTML 9Page - STMicroelectronics M68AW128ML Datasheet HTML 10Page - STMicroelectronics M68AW128ML Datasheet HTML 11Page - STMicroelectronics M68AW128ML Datasheet HTML 12Page - STMicroelectronics M68AW128ML Datasheet HTML 13Page - STMicroelectronics M68AW128ML Datasheet HTML 14Page - STMicroelectronics M68AW128ML Datasheet HTML 15Page - STMicroelectronics M68AW128ML Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
M68AW128ML
12/20
Write Mode
The M68AW128ML is in the Write mode whenever
the W and E are Low. Either the Chip Enable input
(E) or the Write Enable input (W) must be de-
asserted
during
Address
transitions
for
subsequent write cycles. When E (W) is Low, and
UB or LB is Low, write cycle begins on the W (E)’s
falling edge. When E and W are Low, and UB = LB
= High, write cycle begins on the first falling edge
of UB or LB. Therefore, address setup time is
referenced to Write Enable, Chip Enable or UB/LB
as tAVWL,tAVEL and tAVBL respectively, and is
determined by the latter occurring edge.
The Write cycle can be terminated by the earlier
rising edge of E, W or UB/LB.
If the Output is enabled (E = Low, G = Low, LB or
UB = Low), then W will return the outputs to high
impedance within tWLQZ of its falling edge. Care
must be taken to avoid bus contention in this type
of operation. Data input must be valid for tDVWH
before the rising edge of Write Enable, or for tDVEH
before the rising edge of E, or for tDVBH before the
rising edge of UB/LB whichever occurs first, and
remain valid for tWHDX,tEHDX and tBHDX respec-
tively.
Figure 11. Write Enable Controlled, Write AC Waveforms
Note: 1. During this period DQ0-DQ15 are in output state and input signals should not be applioed.
AI04841
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A16
E
W
DQ0-DQ15
VALID
tAVWH
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
tBLWH
UB, LB
tELWH
DATA (1)
DATA (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com