Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW128ML Datasheet(PDF) 18 Page - STMicroelectronics

Part # M68AW128ML
Description  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M68AW128ML Datasheet HTML 12Page - STMicroelectronics M68AW128ML Datasheet HTML 13Page - STMicroelectronics M68AW128ML Datasheet HTML 14Page - STMicroelectronics M68AW128ML Datasheet HTML 15Page - STMicroelectronics M68AW128ML Datasheet HTML 16Page - STMicroelectronics M68AW128ML Datasheet HTML 17Page - STMicroelectronics M68AW128ML Datasheet HTML 18Page - STMicroelectronics M68AW128ML Datasheet HTML 19Page - STMicroelectronics M68AW128ML Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
M68AW128ML
18/20
PART NUMBERING
Table 12. Ordering Information Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M68AW128
M
L
55 ZB
6
T
Device Type
M68
Mode
A = Asynchronous
Operating Voltage
W = 2.7 to 3.3V
Array Organization
128 = 2 Mbit (128K x16)
Optio n 1
M = 1 Chip Enable; Write and Standby from UB and LB
Optio n 2
L = Low Leakage
Speed Class
55 = 55 ns
70 = 70 ns
Package
ND = TSOP 44 Type II
ZB = TFBG A48: 0.75 mm pitch
Operative Temperature
1= 0to 70
°C
6= –40 to 85
°C
Ship ping
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com