Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84321 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS84321
Description  260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84321 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS84321 Datasheet HTML 7Page - Integrated Circuit Systems ICS84321 Datasheet HTML 8Page - Integrated Circuit Systems ICS84321 Datasheet HTML 9Page - Integrated Circuit Systems ICS84321 Datasheet HTML 10Page - Integrated Circuit Systems ICS84321 Datasheet HTML 11Page - Integrated Circuit Systems ICS84321 Datasheet HTML 12Page - Integrated Circuit Systems ICS84321 Datasheet HTML 13Page - Integrated Circuit Systems ICS84321 Datasheet HTML 14Page - Integrated Circuit Systems ICS84321 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
84321AY
www.icst.com/products/hiperclocks.html
REV. B JUNE 9, 2005
11
Integrated
Circuit
Systems, Inc.
ICS84321
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
LVPECL FREQUENCY SYNTHESIZER
The schematic of the ICS84321 layout example used in this lay-
out guideline is shown in
Figure 5A. The ICS84321 recommended
PCB board layout for this example is shown in
Figure 5B. This
layout example is used as a general guideline. The layout in the
LAYOUT GUIDELINE
FIGURE 5A. SCHEMATIC OF RECOMMENDED LAYOUT
actual system will depend on the selected component types, the
density of the components, the density of the traces, and the
stack up of the P.C. board.
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS84321 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, and VCCO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 4 illustrates how
a 24
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 4. POWER SUPPLY FILTERING
24
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
REF_IN
S_LOAD
VCCA
R2
84
VCC
XTAL_SEL
Zo = 50 Ohm
R4
84
S_DATA
R3
125
Zo = 50 Ohm
+
-
S_CLOCK
C14
0.1u
VCC
C1
U1
ICS84321
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
M5
M6
M7
M8
N0
N1
nc
VEE
MR
S_CLOCK
S_DATA
S_LOAD
VCCA
nXTAL_SEL
T_CLK
X_OUT
C15
0.1u
R7
10
X1
C16
10u
R1
125
C2
C11
0.01u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com