Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84321 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84321
Description  260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84321 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84321 Datasheet HTML 1Page - Integrated Circuit Systems ICS84321 Datasheet HTML 2Page - Integrated Circuit Systems ICS84321 Datasheet HTML 3Page - Integrated Circuit Systems ICS84321 Datasheet HTML 4Page - Integrated Circuit Systems ICS84321 Datasheet HTML 5Page - Integrated Circuit Systems ICS84321 Datasheet HTML 6Page - Integrated Circuit Systems ICS84321 Datasheet HTML 7Page - Integrated Circuit Systems ICS84321 Datasheet HTML 8Page - Integrated Circuit Systems ICS84321 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
84321AY
www.icst.com/products/hiperclocks.html
REV. B JUNE 9, 2005
1
Integrated
Circuit
Systems, Inc.
ICS84321
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS84321 is a general purpose, dual output
Crystal-to-3.3V Differential LVPECL High Frequency
Synthesizer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS.The ICS84321 has a selectable TEST_CLK or
crystal inputs.The VCO operates at a frequency range of 620MHz
to 780MHz. The VCO frequency is programmed in steps equal
to the value of the input reference or crystal frequency. The VCO
and output frequency can be programmed using the serial or
parallel interfaces to the configuration logic.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 103.3MHz to 260MHz
• Crystal input frequency range: 14MHz to 40MHz
• VCO range: 620MHz to 780MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 3ps (typical)
• RMS phase jitter at 155.52MHz, using a 38.88MHz crystal
(12kHz to 20MHz): 2.5ps (typical)
Phase noise: 155.52MHz
Offset
Noise Power
100Hz .................. -84.1 dBc/Hz
1kHz ................ -109.8 dBc/Hz
10kHz ................ -126.3 dBc/Hz
100kHz ................ -128.7 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-Free package RoHS compliant
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL_OUT
TEST_CLK
XTAL_SEL
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
nc
VEE
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS84321
HiPerClockS™
ICS
OSC
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
MR
÷ 3
÷ 4
÷ 5
÷ 6


Similar Part No. - ICS84321

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84321AYI ICST-ICS84321AYI Datasheet
301Kb / 16P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 10, 2003
ICS84321AYIT ICST-ICS84321AYIT Datasheet
301Kb / 16P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 10, 2003
ICS84321I ICST-ICS84321I Datasheet
301Kb / 16P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 10, 2003
More results

Similar Description - ICS84321

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS84321I ICST-ICS84321I Datasheet
301Kb / 16P
260MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 10, 2003
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
84320I-01 RENESAS-84320I-01 Datasheet
509Kb / 21P
780MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
DECEMBER 17, 2014
84321I RENESAS-84321I Datasheet
466Kb / 19P
260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com