Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200213 Datasheet(PDF) 6 Page - Testo SE & Co. KGaA

Part # 05200213
Description  Humidity/temperature measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200213 Datasheet(HTML) 6 Page - Testo SE & Co. KGaA

  05200213 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
testo 635
Probes
Probe type
Dimensions
Probe shaft/probe shaft tip
Measuring
range
Accuracy
t
99
Part no.
Surface probes
We measure it.
Pipe wrap probe for pipe diameter
5 to 65 mm, with exchangeable
measuring head. Meas. range
short-term up to +280°C,
TC Type K, Fixed cable
Spare meas. head for pipe wrap
probe, TC Type K
Clamp probe for measurements on
pipes, pipe diameter 15 to 25 mm
(max. 1"), meas. range short-term
up to +130°C, TC Type K, Fixed
cable
-60 to +130 °C
-60 to +130 °C
-50 to +100 °C
Class 2 1)
Class 2 1)
Class 2 1)
5 s
5 s
5 s
0602 4592
0602 0092
0602 4692
35 mm
15 mm
Efficient and fast-action immersion
probe, waterproof, TC Type K,
Fixed cable 1.2 m
Fast-action, waterproof
immersion/penetration probe, TC
Type K, Fixed cable 1.2 m
Immersion tip, flexible, TC Type K
Waterproof immersion/penetration
probe, TC Type K, Fixed cable
1.2 m
-60 to +1000 °C
-60 to +800 °C
-200 to
+1000 °C
-60 to +400 °C
Class 1 1)
Class 1 1)
Class 1 1)
Class 2 1)
2 s
3 s
5 s
7 s
0602 0593
0602 2693
0602 5792
0602 1293
Immers./penetr. probes
300 mm
60 mm
500 mm
114 mm
14 mm
50 mm
Ø 1.5 mm
Ø 5 mm
Ø 1.5 mm
Ø 5 mm
Ø 1.5 mm
Ø 3.7 mm
Thermocouple with TC adapter,
flexible, 800 mm long, fibre glass,
TC Type K
Thermocouple with TC adapter,
flexible, length 1500 mm ,
fibreglass, TC Type K
Thermocouple with TC adapter,
flexible, 1500 mm long, PTFE, TC
Type K
-50 to +400 °C
-50 to +400 °C
-50 to +250 °C
Class 2 1)
Class 2 1)
Class 2 1)
5 s
5 s
5 s
0602 0644
0602 0645
0602 0646
800 mm
Ø 1.5 mm
1500 mm
1500 mm
Ø 1.5 mm
Ø 1.5 mm
Thermocouples
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
Pipe wrap probe with velcro strip;
for temperature measurement on
pipes with diameter up to max. 120
mm; Tmax. +120 °C; TC Type K ,
Fixed cable
-50 to +120 °C
Class 1 1)
90 s
0628 0020
395 mm
20 mm
testo-635-P06
06.08.2013
14:23
Seite 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com