Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200213 Datasheet(PDF) 5 Page - Testo SE & Co. KGaA

Part # 05200213
Description  Humidity/temperature measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200213 Datasheet(HTML) 5 Page - Testo SE & Co. KGaA

  05200213 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
testo 635
Probes
Probe type
Fast-action surface probe with
sprung thermocouple strip, also for
uneven surfaces, measurement
range short-term to +500°C, TC
Type K, Fixed cable
Temperature probe to determine U-
value, triple sensor system for
measuring wall temperature,
modelling clay included
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-60 to +300 °C
-20 to +70 °C
Information: This probe connects to testo 635-2 only
An additional probe for measuring outer temperatures is
required when determining the U-value e.g. 0602 1793 or 0613
1001 or 0613 1002.
*when used with an NTC or wireless humidity probe for
measuring outside temperature and 20 K difference between
the air inside and outside
Accuracy
Class 2 1)
Class 11)
U-value: ±0.1 ±2% of fsv*
t
99
3 s
Part no.
Surface probes
115 mm
Ø 5 mm
Ø 12 mm
0602 0393
0614 1635
We measure it.
Fast-action surface probe with
sprung thermocouple strip, bent,
also for uneven surfaces,
measurement range short-term to
+500°C, TC Type K, Fixed cable
1.2 m
Efficient, waterproof surface probe
with small measurement head for
flat surfaces,
TC Type K, Fixed cable 1.2 m
Flat head surface probe with
telescopic handle max. 680 mm for
measurements at hard-to-access
points, TC Type K, Fixed cable 1.6
m (correspondingly shorter when
telescope extended)
Magnetic probe, adhesive force
approx. 20 N, with magnets, for
measurements on metal surfaces,
TC Type K, Fixed cable 1.6 m
Magnetic probe, adhesive force
approx. 10 N, with magnets, for
higher temp., for measurements on
metal surfaces, TC Type K, Fixed
cable
-60 to +300 °C
-60 to +1000 °C
-50 to +250 °C
-50 to +170 °C
-50 to +400 °C
Class 2 1)
Class 1 1)
Class 2 1)
Class 2 1)
Class 2 1)
3 s
20 s
3 s
150 s
0602 0993
0602 0693
0602 2394
0602 4792
0602 4892
80 mm
150 mm
680 mm
35 mm
75 mm
50 mm
12 mm
Ø 5 mm
Ø 2.5 mm
Ø 20 mm
Ø 12 mm
Ø 4 mm
Ø 25 mm
Ø 21 mm
Waterproof surface probe with
widened measurement tip for flat
surfaces, T/C Type K, Fixed cable
1.2 m
-60 to +400 °C
Class 2 1)
30 s
0602 1993
115 mm
Ø 5 mm
Ø 6 mm
Fast-reaction paddle surface
probe, for measurements in
inaccessible places, e.g. narrow
apertures and slots, TC Type K,
Fixed cable
0 to +300 °C
Class 2 1)
5 s
0602 0193
145 mm
40 mm
Ø 8 mm
testo-635-P05
06.08.2013
14:22
Seite 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com