Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803064 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803064
Description  Marker for terminal blocks - TMT (EX6,5)R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803064 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803064 Datasheet HTML 1Page - PHOENIX CONTACT 0803064 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803064
11/20/2019   Page 1 / 2
Marker for terminal blocks - TMT (EX6,5)R - 0803064
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Marker for terminal blocks, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL
2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600,
THERMOMARK X1.2, mounting type: snap into universal marker groove, snap into flat marker groove, for
terminal block width: 50000 mm, lettering field size: 6.5 x 50,000 mm, Number of individual labels: 1
Your advantages
 The TMT labeling range includes markers for all products with tall and flat marker grooves
 Quick and inexpensive marking with THERMOMARK ... roll printers from PHOENIX CONTACT
 The thermal transfer printer cutting units make it possible to trim precisely to the required length. This enables faster and cleaner equipment
marking.
 When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences. The marking is even suitable for
use under harsh industrial conditions.
 Labeling service: Phoenix Contact can custom-label all TMT ... markers in accordance with your requirements
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356935531
Technical data
Dimensions
Length (b)
50 m
Width (a)
6.5 mm
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
10-30 °C / 40-70 % relative humidity. Storage in the original packaging is
recommended prior to processing.
General
Color
white
Type
flat
Components
Silicone-free


Similar Part No. - 0803064

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803060 PHOENIX-0803060 Datasheet
199Kb / 7P
EML (...X...)R YE - Label
0803062 PHOENIX-0803062 Datasheet
186Kb / 6P
TMT (EX5,5)R - Marker for terminal blocks
0803067 PHOENIX-0803067 Datasheet
186Kb / 6P
TMT (EX8,5)R - Marker for terminal blocks
0803068 PHOENIX-0803068 Datasheet
186Kb / 6P
TMT (EX10)R - Marker for terminal blocks
More results

Similar Description - 0803064

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0819262 PHOENIX-0819262 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 16
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821425 PHOENIX-0821425 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TMF 5
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0830902 PHOENIX-0830902 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TMF (5X5)
0830904 PHOENIX-0830904 Datasheet
49Kb / 3P
Marker for terminal blocks - UM1-TMF (6X5)
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
1050059-R PHOENIX-1050059-R Datasheet
48Kb / 2P
Marker for terminal blocks - ZB 5,LGS:GROSSBUCHST. R
1051058-R PHOENIX-1051058-R Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com