Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803064 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803064
Description  Marker for terminal blocks - TMT (EX6,5)R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803064 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803064 Datasheet HTML 1Page - PHOENIX CONTACT 0803064 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803064
11/20/2019   Page 2 / 2
Marker for terminal blocks - TMT (EX6,5)R - 0803064
Technical data
General
Material
PVC
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
1
Number of individual labels per row
1
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Result of weather resistance test
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Test duration
96 h
Salt spray testing result
Test passed
Alternating condensation climate with SO2 test specification
following DIN 50018:2013-05
Climate level
AHT 1.0 S
Cycles
2
Condensation test result
Test passed
Wipe resistance of test specification inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Result of wipe resistance test
Test passed
Marking mounting type
snap into universal marker groove
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com