Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS728M Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS728M
Description  LOW COST 27 MHZ 3.3 VOLT VCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS728M Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS728M Datasheet HTML 1Page - Integrated Circuit Systems ICS728M Datasheet HTML 2Page - Integrated Circuit Systems ICS728M Datasheet HTML 3Page - Integrated Circuit Systems ICS728M Datasheet HTML 4Page - Integrated Circuit Systems ICS728M Datasheet HTML 5Page - Integrated Circuit Systems ICS728M Datasheet HTML 6Page - Integrated Circuit Systems ICS728M Datasheet HTML 7Page - Integrated Circuit Systems ICS728M Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LOW COST 27 MHZ 3.3 VOLT VCXO
MDS 728 B
4
Revision 012505
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.co m
ICS728
capacitance. Contact ICS for details.) If the centering
error is more than 25 ppm positive, add identical fixed
centering capacitors from each crystal pin to ground.
The value for each of these caps (in pF) is given by:
External Capacitor = 2 x (centering error)/(trim
sensitivity)
Trim sensitivity is a parameter which can be supplied by
your crystal vendor. If you do not know the value,
assume it is 30 ppm/pF. After any changes, repeat the
measurement to verify that the remaining error is
acceptably low (typically less than ±25 ppm).
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS728. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Storage Temperature
-65 to +150
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.45
V
Reference crystal parameters
Refer to page 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com