Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS728M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS728M
Description  LOW COST 27 MHZ 3.3 VOLT VCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS728M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS728M Datasheet HTML 1Page - Integrated Circuit Systems ICS728M Datasheet HTML 2Page - Integrated Circuit Systems ICS728M Datasheet HTML 3Page - Integrated Circuit Systems ICS728M Datasheet HTML 4Page - Integrated Circuit Systems ICS728M Datasheet HTML 5Page - Integrated Circuit Systems ICS728M Datasheet HTML 6Page - Integrated Circuit Systems ICS728M Datasheet HTML 7Page - Integrated Circuit Systems ICS728M Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LOW COST 27 MHZ 3.3 VOLT VCXO
MDS 728 B
5
Revision 012505
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.co m
ICS728
DC Electrical Characteristics
VDD=3.3 V ±5% , Ambient temperature 0 to +70
°C, unless stated otherwise
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: External crystal device must conform with Pullable Crystal Specifications listed on page 3.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage (CMOS
Level)
VOH
IOH = -4 mA
VDD-0.4
V
Operating Supply Current
IDD
Output = 27 MHz,
no load
12
mA
Short Circuit Current
IOS
±50
mA
VIN, VCXO Control Voltage
VIA
03.3
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Frequency
FO
27
MHz
Crystal Pullability
FP
0V< VIN < 3.3 V, Note 1
+ 110
ppm
VCXO Gain
VIN = VDD/2 +1 V, Note 1
120
ppm/V
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
1.5
ns
Output Clock Duty Cycle
tD
Measured at 1.4 V, CL=15 pF
40
50
60
%
Maximum Output Jitter,
short term
tJ
CL=15 pF
100
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com