Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS728MLF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS728MLF
Description  LOW COST 27 MHZ 3.3 VOLT VCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS728MLF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS728MLF Datasheet HTML 1Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 2Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 3Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 4Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 5Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 6Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 7Page - Integrated Circuit Systems ICS728MLF Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS728
MDS 728 B
1
Revision 012505
Integr ated Circuit Sy stems l 5 25 Race Street, San Jose, CA 9 512 6 l tel (40 8 ) 2 97-12 01 l
www.icst.com
LOW COST 27 MHZ 3.3 VOLT VCXO
Description
The ICS728 combines the functions of a VCXO
(Voltage Controlled Crystal Oscillator) and PLL (Phase
Locked Loop) frequency doubler onto a single chip.
Used in conjunction with an external pullable quartz
crystal, this monolithic integrated circuit replaces more
costly hybrid (canned) VCXO devices. The ICS728 is
designed primarily for data and clock recovery
applications within end products such as set-top box
receivers.
The ICS728 exhibits a moderate VCXO gain of 110
ppm/V typical, when used with a high quality external
pullable quartz crystal.
The frequency of the on-chip VCXO is adjusted by an
external control voltage input into pin VIN. Because
VIN is a high impedance input, it can be driven directly
from an PWM RC integrator circuit. Frequency output
increases with VIN voltage input. The usable range of
VIN is 0 to 3.3 V.
Features
• Ideal for set-top box applications using 13.5 MHz
external pullable crystal to generate lock 27 MHz
clock transport video clock
• On-chip VCXO with guaranteed pull range of ±110
ppm minimum
• VCXO input tuning voltage 0 to 3.3 V
• Packaged in 8-pin SOIC (150 mil wide)
• Available in Pb (lead) free package
Block Diagram
27 MHz
(2x Crystal Frequency)
X1
X2
Voltage
Controlled
Crystal
Oscillator
PLL
Frequency
Doubler
VIN
13.5 MHz
Pullable
Crystal


Similar Part No. - ICS728MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722M ICST-ICS722M Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722MLF ICST-ICS722MLF Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722MLFT ICST-ICS722MLFT Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722MT ICST-ICS722MT Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
More results

Similar Description - ICS728MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com