Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9929XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9929XP
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9929XP Datasheet HTML 4Page - STMicroelectronics L9929XP Datasheet HTML 5Page - STMicroelectronics L9929XP Datasheet HTML 6Page - STMicroelectronics L9929XP Datasheet HTML 7Page - STMicroelectronics L9929XP Datasheet HTML 8Page - STMicroelectronics L9929XP Datasheet HTML 9Page - STMicroelectronics L9929XP Datasheet HTML 10Page - STMicroelectronics L9929XP Datasheet HTML 11Page - STMicroelectronics L9929XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
L9929
8/23
Table 5. Electrical Characteristcs
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Input SCK (SPI clock input)
VSCKL
Low Level
1
V
VSCKH
High Level
2
V
∆VSCK Hysteresis
0.1
0.4
V
CSCK
Input Capacity
10
pF
-ISCK
Input Current
Pull up current source connected
to VS
20
50
µA
Input SS
(Slave select signal)
VSSL
Low Level
L9929 is selected
1
V
VSSH
High Level
2
V
∆VSS
Hysteresis
0.1
0.4
V
CSS
Input Capacity
10
pF
-ISS
Input Current
Pull up current source connected
to VS
20
50
µA
Input SI
(SPI data input)
VSIL
Low Level
1
V
VSIH
High Level
2
V
∆VSI
Hysteresis
0.1
0.4
V
CSI
Input Capacity
Guaranteed by design
10
pF
-ISI
Input Current
Pull up current source connected
to VS
20
50
µA
Output SO
(Tristate output of the L9929 (SPI output); On active reset (DI) output SO is in tristate.)
VSOL
Low Level
ISO = 2mA
1
V
VSOH
High Level
ISO = -2mA
2
V
CSO
Capacity
Capacity of the pin in tristate
10
pF
-ISO
Leakage Current
In tristate
-10
10
µA
Input DMS
(Supply-Input for the SPI-Inteface and Selection Pin for SPI- or SF-Mode)
Vi
Input Voltage
SPI-Mode
Status-Flag-Mode
4.5
0.8
V
V
Ic
Input Current
SPI-Mode
10
mA
Timing
tcyc
Cycle-Time (1)
200
ns
tlead
Enable Lead Time (2)
100
ns
tlag
Enable Lag Time (3)
150
ns
tv
Data Valid CL = 40pF (4)
Data Valid CL = 200pF
(referred to L9929)
40
150
ns
ns
tsu
Data Setup Time (5)
(referred to master)
50
ns
th
Data Hold Time (6)
20
ns
tdis
Disable Time (7)
(referred to L9929)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com